Electronic Components Datasheet Search
  English  ▼

X  

AM1802 Datasheet(PDF) 108 Page - Texas Instruments

Click here to check the latest version.
Part # AM1802
Description  AM1802 ARM Microprocessor
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

AM1802 Datasheet(HTML) 108 Page - Texas Instruments

Back Button AM1802 Datasheet HTML 104Page - Texas Instruments AM1802 Datasheet HTML 105Page - Texas Instruments AM1802 Datasheet HTML 106Page - Texas Instruments AM1802 Datasheet HTML 107Page - Texas Instruments AM1802 Datasheet HTML 108Page - Texas Instruments AM1802 Datasheet HTML 109Page - Texas Instruments AM1802 Datasheet HTML 110Page - Texas Instruments AM1802 Datasheet HTML 111Page - Texas Instruments AM1802 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 180 page
background image
AM1802
SPRS710C – NOVEMBER 2010 – REVISED MARCH 2012
www.ti.com
Table 5-44. McASP AFIFO Registers Accessed Through Peripheral Configuration Port
BYTE ADDRESS
ACRONYM
REGISTER DESCRIPTION
0x01D0 1000
AFIFOREV
AFIFO revision identification register
0x01D0 1010
WFIFOCTL
Write FIFO control register
0x01D0 1014
WFIFOSTS
Write FIFO status register
0x01D0 1018
RFIFOCTL
Read FIFO control register
0x01D0 101C
RFIFOSTS
Read FIFO status register
5.14.2 McASP Electrical Data/Timing
5.14.2.1 Multichannel Audio Serial Port 0 (McASP0) Timing
Table 5-45 and Table 5-47 assume testing over recommended operating conditions (see Figure 5-29 and
Figure 5-30).
Table 5-45. Timing Requirements for McASP0 (1.2V, 1.1V)(1)(2)
1.2V
1.1V
NO.
PARAMETER
UNIT
MIN
MAX
MIN
MAX
1
tc(AHCLKRX)
Cycle time, AHCLKR/X
25
28
ns
2
tw(AHCLKRX)
Pulse duration, AHCLKR/X high or low
12.5
14
ns
3
tc(ACLKRX)
Cycle time, ACLKR/X
AHCLKR/X ext
25(3)
28(3)
ns
4
tw(ACLKRX)
Pulse duration, ACLKR/W high or low AHCLKR/X ext
12.5
14
ns
AHCLKR/X int
11.5
12
ns
Setup time,
5
tsu(AFSRX-ACLKRX)
AHCLKR/X ext input
4
5
ns
AFSR/X input to ACLKR/X(4)
AHCLKR/X ext output
4
5
ns
AHCLKR/X int
-1
-2
ns
Hold time,
6
th(ACLKRX-AFSRX)
AHCLKR/X ext input
1
1
ns
AFSR/X input after ACLKR/X(4)
AHCLKR/X ext output
1
1
ns
AHCLKR/X int
11.5
12
ns
Setup time,
7
tsu(AXR-ACLKRX)
AXR0[n] input to ACLKR/X(4)(5)
AHCLKR/X ext
4
5
ns
AHCLKR/X int
-1
-2
ns
Hold time,
8
th(ACLKRX-AXR)
AHCLKR/X ext input
3
4
ns
AXR0[n] input after ACLKR/X(4)(5)
AHCLKR/X ext output
3
4
ns
(1)
ACLKX0 internal - McASP0 ACLKXCTL.CLKXM = 1, PDIR.ACLKX = 1
ACLKX0 external input - McASP0 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 0
ACLKX0 external output - McASP0 ACLKXCTL.CLKXM = 0, PDIR.ACLKX = 1
ACLKR0 internal - McASP0 ACLKRCTL.CLKRM = 1, PDIR.ACLKR =1
ACLKR0 external input - McASP0 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 0
ACLKR0 external output - McASP0 ACLKRCTL.CLKRM = 0, PDIR.ACLKR = 1
(2)
P = SYSCLK2 period
(3)
This timing is limited by the timing shown or 2P, whichever is greater.
(4)
McASP0 ACLKXCTL.ASYNC=1: Receiver is clocked by its own ACLKR0
(5)
McASP0 ACLKXCTL.ASYNC=0: Receiver is clocked by transmitter's ACLKX0
108
Peripheral Information and Electrical Specifications
Copyright © 2010–2012, Texas Instruments Incorporated
Submit Documentation Feedback
Product Folder Link(s): AM1802



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com