Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 104 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 104 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 100Page - Texas Instruments RM48L930 Datasheet HTML 101Page - Texas Instruments RM48L930 Datasheet HTML 102Page - Texas Instruments RM48L930 Datasheet HTML 103Page - Texas Instruments RM48L930 Datasheet HTML 104Page - Texas Instruments RM48L930 Datasheet HTML 105Page - Texas Instruments RM48L930 Datasheet HTML 106Page - Texas Instruments RM48L930 Datasheet HTML 107Page - Texas Instruments RM48L930 Datasheet HTML 108Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 104 / 147 page
background image
t
r(ETM)
t
h(ETM)
t
l(ETM)
t
f(ETM)
t
cyc(ETM)
RM48L930
RM48L730
RM48L530
SPNS176
– SEPTEMBER 2011
www.ti.com
4.21.7 Embedded Trace Macrocell (ETM-R4)
The device contains a ETM-R4 module with a 32-bit internal data port. The ETM-R4 module is connected
to a TPIU with a 32-bit data bus; the TPIU provides a 35-bit (32-bit data, 3-bit control) external interface
for trace. The ETM-R4 is CoreSight compliant and follows the ETM v3 specification; for more details see
ARM CoreSight ETM-R4 TRM specification.
4.21.7.1 ETM TRACECLKIN Selection
The ETM clock source can be selected as either VCLK or the external ETMTRACECLKIN pin. The
selection is done by the EXTCTRLOUT[1:0] control bits of the TPIU; the default is '00'. The address of this
register is TPIU base address + 0x404.
Before you begin accessing TPIU registers, TPIU should be unlocked via coresight key and 1 or 2 should
be written to this register.
Table 4-40. TPIU / TRACECLKIN Selection
EXTCTRLOUT[1:0]
TPIU/TRACECLKIN
00
tied-zero
01
VCLK
10
ETMTRACECLKIN
11
tied-zero
4.21.7.2 Timing Specifications
Figure 4-22. ETMTRACECLKOUT Timing
Table 4-41. ETMTRACECLK Timing
Parameter
MIN
Description
tcyc(ETM)
t(HCLK) * 4
Clock period
tl(ETM)
20ns
Low pulse width
th(ETM)
20ns
High pulse width
tr(ETM)
3ns
Clock and data rise time
tf(ETM)
3ns
Clock and data fall time
104
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com