Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 108 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 108 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 104Page - Texas Instruments RM48L930 Datasheet HTML 105Page - Texas Instruments RM48L930 Datasheet HTML 106Page - Texas Instruments RM48L930 Datasheet HTML 107Page - Texas Instruments RM48L930 Datasheet HTML 108Page - Texas Instruments RM48L930 Datasheet HTML 109Page - Texas Instruments RM48L930 Datasheet HTML 110Page - Texas Instruments RM48L930 Datasheet HTML 111Page - Texas Instruments RM48L930 Datasheet HTML 112Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 147 page
background image
tcyc(DMM)
tr
tf
th(DMM)
tl(DMM)
DMMSYNC
DMMCLK
DMMDATA
t
ssu(DMM)
t
sh(DMM)
t
dsu(DMM)
t
dh(DMM)
RM48L930
RM48L730
RM48L530
SPNS176
– SEPTEMBER 2011
www.ti.com
4.21.9 Data Modification Module (DMM)
The Data Modification Module (DMM) provides the capability to modify data in the entire 4 GB address
space of the RM4x devices from an external peripheral, with minimal interruption of the application.
4.21.9.1 Features
The DMM module has the following features:
•
Acts as a bus master, thus enabling direct writes to the 4GB address space without CPU intervention
•
Writes to memory locations specified in the received packet (leverages packets defined by trace mode
of the RAM trace port (RTP) module
•
Writes received data to consecutive addresses, which are specified by the DMM module (leverages
packets defined by direct data mode of RTP module)
•
Configurable port width (1, 2, 4, 8, 16 pins)
•
Up to 100 Mbit/s pin data rate
•
Unused pins configurable as GIO pins
4.21.9.2 Timing Specifications
Figure 4-27. DMMCLK Timing
Table 4-46. DMMCLK Timing
Parameter
MIN
Description
tcyc(DMM)
tc(HCLK) * 2
Clock period
th(DMM)
((tcyc(DMM))/2) - ((tr+tf)/2)
High pulse width
tl(DMM)
((tcyc(DMM))/2) - ((tr+tf)/2)
Low pulse width
Figure 4-28. DMMDATA Timing
108
System Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com