Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 112 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 112 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 108Page - Texas Instruments RM48L930 Datasheet HTML 109Page - Texas Instruments RM48L930 Datasheet HTML 110Page - Texas Instruments RM48L930 Datasheet HTML 111Page - Texas Instruments RM48L930 Datasheet HTML 112Page - Texas Instruments RM48L930 Datasheet HTML 113Page - Texas Instruments RM48L930 Datasheet HTML 114Page - Texas Instruments RM48L930 Datasheet HTML 115Page - Texas Instruments RM48L930 Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 147 page
background image
RM48L930
RM48L730
RM48L530
SPNS176
– SEPTEMBER 2011
www.ti.com
•
Programmable magnitude threshold interrupt for each group for any one channel
•
Option to read either 8-bit, 10-bit or 12-bit values from memory regions
•
Single or continuous conversion modes
•
Embedded self-test
•
Embedded calibration logic
•
Enhanced power-down mode
– Optional feature to automatically power down ADC core when no conversion is in progress
•
External event pin (ADEVT) programmable as general-purpose I/O
5.2.2
Event Trigger Options
The ADC module supports 3 conversion groups: Event Group, Group1 and Group2. Each of these 3
groups can be configured to be hardware event-triggered. In that case, the application can select from
among 8 event sources to be the trigger for a group's conversions.
5.2.2.1
Default MIBADC Event Trigger Hookup
Table 5-3. MIBADC Event Trigger Hookup
Event #
Source Select Bits For G1, G2 Or Event
Trigger
(G1SRC[2:0], G2SRC[2:0] or EVSRC[2:0])
1
000
ADEVT
2
001
HET[8]
3
010
HET[10]
4
011
RTI compare 0 interrupt
5
100
HET[12]
6
101
HET[14]
7
110
GIOB[0]
8
111
GIOB[1]
NOTE
For ADEVT, HET and GIOB trigger sources, the connection to the MibADC1 module trigger
input is made from the output side of the input buffer. This way, a trigger condition can be
generated either by configuring the function as output onto the pad, or by driving the function
from an external trigger source as input.
NOTE
For the RTI compare 0 interrupt source, the connection is made directly from the output of
the RTI module. That is, the interrupt condition can be used as a trigger source even if the
actual interrupt is not signaled to the CPU.
5.2.2.2
Alternate MIBADC2 Event Trigger Hookup
Table 5-4. Alternate MIBADC2 Event Trigger Hookup
Event #
Source Select Bits for G1, G2 or Event
Trigger
(G1SRC[2:0], G2SRC[2:0] or EVSRC[2:0])
1
000
AD2EVT
2
001
N2HET2[5]
3
010
N2HET1[27]
4
011
RTI compare 0
5
100
N2HET1[17]
6
101
N2HET1[19]
112
Peripheral Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com