Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 116 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 116 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 112Page - Texas Instruments RM48L930 Datasheet HTML 113Page - Texas Instruments RM48L930 Datasheet HTML 114Page - Texas Instruments RM48L930 Datasheet HTML 115Page - Texas Instruments RM48L930 Datasheet HTML 116Page - Texas Instruments RM48L930 Datasheet HTML 117Page - Texas Instruments RM48L930 Datasheet HTML 118Page - Texas Instruments RM48L930 Datasheet HTML 119Page - Texas Instruments RM48L930 Datasheet HTML 120Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 147 page
background image
RM48L930
RM48L730
RM48L530
SPNS176
– SEPTEMBER 2011
www.ti.com
Table 5-8. MibADC Operating Characteristics Over Full Ranges of Recommended Operating Conditions
Parameter
Description/Conditions
MIN
Type
MAX
Unit
CR
Conversion range over ADREFHI - ADREFLO
3
5.5
V
which specified
accuracy is
maintained
ZSET
Zero Scale Offset
Difference between the first ideal transition
10-bit
1
LSB
(from code 000h to 001h) and the actual
mode
transition
12-bit
2
LSB
mode
FSET
Full Scale Offset
Difference between the range of the
10-bit
2
LSB
measured code transitions (from first to last)
mode
and the range of the ideal code transitions
12-bit
3
LSB
mode
EDNL
Differential
Difference between the actual step width and
10-bit
± 1.5
LSB
nonlinearity error
the ideal value. (See Figure 76)
mode
12-bit
± 2
LSB
mode
EINL
Integral nonlinearity
Maximum deviation from the best straight line
10-bit
± 2
LSB
error
through the MibADC. MibADC transfer
mode
characteristics, excluding the quantization
12-bit
± 2
LSB
error.
mode
ETOT
Total unadjusted error
Maximum value of the difference between an
10-bit
± 2
LSB
(after calibration)
analog value and the ideal midstep value.
mode
12-bit
± 4
LSB
mode
116
Peripheral Information and Electrical Specifications
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com