Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 115 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 115 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 111Page - Texas Instruments RM48L930 Datasheet HTML 112Page - Texas Instruments RM48L930 Datasheet HTML 113Page - Texas Instruments RM48L930 Datasheet HTML 114Page - Texas Instruments RM48L930 Datasheet HTML 115Page - Texas Instruments RM48L930 Datasheet HTML 116Page - Texas Instruments RM48L930 Datasheet HTML 117Page - Texas Instruments RM48L930 Datasheet HTML 118Page - Texas Instruments RM48L930 Datasheet HTML 119Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 147 page
background image
V
S1
On-State
Leakage
Off-State
Leakages
V
S2
V
S24
39*I
AIL
I
AIL
I
AIL
R
ext
R
ext
R
ext
P
in
S
mux
R
mux
P
in
S
mux
R
mux
P
in
S
mux
R
mux
S
samp
R
samp
C
samp
C
ext
I
AIL
I
AIL
I
AIL
I
AIL
C
mux
C
ext
C
ext
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
Figure 5-1. MibADC Input Equivalent Circuit
Table 5-7. MibADC Timing Specifications
Parameter
MIN
NOM
MAX
Unit
tc(ADCLK)
(1)
Cycle time, MibADC clock
0.033
µs
td(SH)
(2)
Delay time, sample and hold
0.2
µs
time
12-bit mode
td©)
Delay time, conversion time
0.4
µs
td(SHC)
(3)
Delay time, total sample/hold
0.6
µs
and conversion time
10-bit mode
td©)
Delay time, conversion time
0.33
µs
td(SHC)
(4)
Delay time, total sample/hold
0.53
µs
and conversion time
(1)
The MibADC clock is the ADCLK, generated by dividing down the VCLK by a prescale factor defined by the ADCLOCKCR register bits
4:0.
(2)
The sample and hold time for the ADC conversions is defined by the ADCLK frequency and the AD
<GP>SAMP register for each
conversion group. The sample time needs to be determined by accounting for the external impedance connected to the input channel as
well as the ADC
’s internal impedance.
(3)
This is the minimum sample/hold and conversion time that can be achieved. These parameters are dependent on many factors, e.g the
prescale settings.
(4)
This is the minimum sample/hold and conversion time that can be achieved. These parameters are dependent on many factors, e.g the
prescale settings.
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
115
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com