Electronic Components Datasheet Search
  English  ▼

X  

RM48L930 Datasheet(PDF) 135 Page - Texas Instruments

Part # RM48L930
Description  RM48Lx30 16/32-Bit RISC Flash Microcontroller
PDF  147 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

RM48L930 Datasheet(HTML) 135 Page - Texas Instruments

Back Button RM48L930 Datasheet HTML 131Page - Texas Instruments RM48L930 Datasheet HTML 132Page - Texas Instruments RM48L930 Datasheet HTML 133Page - Texas Instruments RM48L930 Datasheet HTML 134Page - Texas Instruments RM48L930 Datasheet HTML 135Page - Texas Instruments RM48L930 Datasheet HTML 136Page - Texas Instruments RM48L930 Datasheet HTML 137Page - Texas Instruments RM48L930 Datasheet HTML 138Page - Texas Instruments RM48L930 Datasheet HTML 139Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 147 page
background image
RM48L930
RM48L730
RM48L530
www.ti.com
SPNS176
– SEPTEMBER 2011
5.9.4
MibSPI/SPI Master Mode I/O Timing Specifications
Table 5-19. SPI Master Mode External Timing Parameters (CLOCK PHASE = 0, SPICLK = output, SPISIMO
= output, and SPISOMI = input)(1)(2)(3)
NO.
Parameter
MIN
MAX
Unit
1
tc(SPC)M
Cycle time, SPICLK(4)
40
256tc(VCLK)
ns
2(5)
tw(SPCH)M
Pulse duration, SPICLK high (clock
0.5tc(SPC)M – tr(SPC)M – 3
0.5tc(SPC)M + 3
ns
polarity = 0)
tw(SPCL)M
Pulse duration, SPICLK low (clock
0.5tc(SPC)M – tf(SPC)M – 3
0.5tc(SPC)M + 3
polarity = 1)
3(5)
tw(SPCL)M
Pulse duration, SPICLK low (clock
0.5tc(SPC)M – tf(SPC)M – 3
0.5tc(SPC)M + 3
ns
polarity = 0)
tw(SPCH)M
Pulse duration, SPICLK high (clock
0.5tc(SPC)M – tr(SPC)M – 3
0.5tc(SPC)M + 3
polarity = 1)
4(5)
td(SPCH-SIMO)M
Delay time, SPISIMO valid before
0.5tc(SPC)M – 5
ns
SPICLK low (clock polarity = 0)
td(SPCL-SIMO)M
Delay time, SPISIMO valid before
0.5tc(SPC)M – 5
SPICLK high (clock polarity = 1)
5(5)
tv(SPCL-SIMO)M
Valid time, SPISIMO data valid after
0.5tc(SPC)M – tf(SPC) – 3
ns
SPICLK low (clock polarity = 0)
tv(SPCH-SIMO)M
Valid time, SPISIMO data valid after
0.5tc(SPC)M – tr(SPC) – 3
SPICLK high (clock polarity = 1)
6(5)
tsu(SOMI-SPCL)M
Setup time, SPISOMI before SPICLK
0.5tf(SPC) + 2
ns
low (clock polarity = 0)
tsu(SOMI-SPCH)M Setup time, SPISOMI before SPICLK
0.5tf(SPC) + 2
high (clock polarity = 1)
7(5)
th(SPCL-SOMI)M
Hold time, SPISOMI data valid after
5
ns
SPICLK low (clock polarity = 0)
th(SPCH-SOMI)M
Hold time, SPISOMI data valid after
5
SPICLK high (clock polarity = 1)
8(6)
tC2TDELAY
Setup time CS active
CSHOLD = 0
C2TDELAY*tc(VCLK) + 2*tc(VCLK)
(C2TDELAY+2) * tc(VCLK) -
ns
until SPICLK high
- tf(SPICS) + tr(SPC) – 15
tf(SPICS) + tr(SPC) + 3
(clock polarity = 0)
CSHOLD = 1
C2TDELAY*tc(VCLK) + 3*tc(VCLK)
(C2TDELAY+3) * tc(VCLK) -
- tf(SPICS) + tr(SPC) – 15
tf(SPICS) + tr(SPC) + 3
Setup time CS active
CSHOLD = 0
C2TDELAY*tc(VCLK) + 2*tc(VCLK)
(C2TDELAY+2) * tc(VCLK) -
ns
until SPICLK low
- tf(SPICS) + tf(SPC) – 15
tf(SPICS) + tf(SPC) + 3
(clock polarity = 1)
CSHOLD = 1
C2TDELAY*tc(VCLK) + 3*tc(VCLK)
(C2TDELAY+3) * tc(VCLK) -
- tf(SPICS) + tf(SPC) – 15
tf(SPICS) + tf(SPC) + 3
9(6)
tT2CDELAY
Hold time SPICLK low CS until inactive
0.5*tc(SPC)M +
0.5*tc(SPC)M +
ns
(clock polarity = 0)
T2CDELAY*tc(VCLK) + tc(VCLK) -
T2CDELAY*tc(VCLK) + tc(VCLK) -
tf(SPC) + tr(SPICS) - 5
tf(SPC) + tr(SPICS) + 8
Hold time SPICLK high until CS
0.5*tc(SPC)M +
0.5*tc(SPC)M +
ns
inactive (clock polarity = 1)
T2CDELAY*tc(VCLK) + tc(VCLK) -
T2CDELAY*tc(VCLK) + tc(VCLK) -
tr(SPC) + tr(SPICS) - 5
tr(SPC) + tr(SPICS) + 8
10
tSPIENA
SPIENAn Sample point
(C2TDELAY+1) * tc(VCLK) -
(C2TDELAY+1)*tc(VCLK)
ns
tf(SPICS) – 25
11
tSPIENAW
SPIENAn Sample point from write to
(C2TDELAY+2)*tc(VCLK)
ns
buffer
(1)
The MASTER bit (SPIGCR1.0) is set and the CLOCK PHASE bit (SPIFMTx.16) is set.
(2)
tc(VCLK) = interface clock cycle time = 1 / f(VCLK)
(3)
For rise and fall timings, see the
"switching characteristics for output timings versus load capacitance" table.
(4)
When the SPI is in Master mode, the following must be true:
For PS values from 1 to 255: tc(SPC)M ≥ (PS +1)tc(VCLK) ≥ 40ns, where PS is the prescale value set in the SPIFMTx.[15:8] register bits.
For PS values of 0: tc(SPC)M = 2tc(VCLK) ≥ 40ns.
The external load on the SPICLK pin must be less than 60pF.
(5)
The active edge of the SPICLK signal referenced is controlled by the CLOCK POLARITY bit (SPIFMTx.17).
(6)
C2TDELAY and T2CDELAY is programmed in the SPIDELAY register
Copyright
© 2011, Texas Instruments Incorporated
Peripheral Information and Electrical Specifications
135
Submit Documentation Feedback
focus.ti.com: RM48L930 RM48L730 RM48L530



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com