Electronic Components Datasheet Search
  English  ▼

X  

TLFD500 Datasheet(PDF) 17 Page - Texas Instruments

Part # TLFD500
Description  3.3 V INTEGRATED G.LITE ANALOG FRONT END
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD500 Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLFD500 Datasheet HTML 13Page - Texas Instruments TLFD500 Datasheet HTML 14Page - Texas Instruments TLFD500 Datasheet HTML 15Page - Texas Instruments TLFD500 Datasheet HTML 16Page - Texas Instruments TLFD500 Datasheet HTML 17Page - Texas Instruments TLFD500 Datasheet HTML 18Page - Texas Instruments TLFD500 Datasheet HTML 19Page - Texas Instruments TLFD500 Datasheet HTML 20Page - Texas Instruments TLFD500 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
TLFD500PN
3.3 V INTEGRATED G.LITE ANALOG FRONT END
SLAS207B – JUNE 1999 – REVISED MAY 2000
17
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Table 4. PCR-RX1 Gain (Continued)
D7
D6
D5
D4
D3
D2
D1
D0
HEX VALUE
BIT NAME
DESCRIPTION
–
–
1
0
0
0
1
1
0x23
RXPGA3[5:0]
8.75dB
–
–
1
0
0
1
0
0
0x24
9.00dB
–
–
1
0
0
1
0
1
0x25
INVALID
–
–
1
0
0
1
1
0
0x26
INVALID
–
–
1
0
0
1
1
1
0x27
INVALID
–
–
1
0
1
0
0
0
0x28
INVALID
–
–
1
0
1
0
0
1
0x29
INVALID
–
–
1
0
1
0
1
0
0x2A
INVALID
–
–
1
0
1
0
1
1
0x2B
INVALID
–
–
1
0
1
1
0
0
0x2C
INVALID
–
–
1
0
1
1
0
1
0x2D
INVALID
–
–
1
0
1
1
1
0
0x2E
INVALID
–
–
1
0
1
1
1
1
0x2F
INVALID
–
–
1
1
0
0
0
0
0x30
INVALID
–
–
1
1
0
0
0
1
0x31
INVALID
–
–
1
1
0
0
1
0
0x32
INVALID
–
–
1
1
0
0
1
1
0x33
INVALID
–
–
1
1
0
1
0
0
0x34
INVALID
–
–
1
1
0
1
0
1
0x35
INVALID
–
–
1
1
0
1
1
0
0x36
INVALID
–
–
1
1
0
1
1
1
0x37
INVALID
–
–
1
1
1
0
0
0
0x38
INVALID
–
–
1
1
1
0
0
1
0x39
INVALID
–
–
1
1
1
0
1
0
0x3A
INVALID
–
–
1
1
1
0
1
1
0x3B
INVALID
–
–
1
1
1
1
0
0
0x3C
INVALID
–
–
1
1
1
1
0
1
0x3D
INVALID
–
–
1
1
1
1
1
0
0x3E
INVALID
–
–
1
1
1
1
1
1
0x3F
INVALID
NOTE 2: The formula to convert bit value to RXPGA3 gain in dB is
RXPGA3 gain (in dB) = RXPGA3[5:0] (in decimal) x 0.25dB
Similarly one can compute the RXPGA3 [5:0] bit combination needed, given the gain in dB.
CAUTION:
Performance of the codec for invalid combination of bits is not guaranteed and such
combinations should not be used. The user should make no assumption that the code bits
will saturate to a maximum or minimum value or wrap around to a valid combination.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com