Electronic Components Datasheet Search
  English  ▼

X  

TLFD500 Datasheet(PDF) 18 Page - Texas Instruments

Part # TLFD500
Description  3.3 V INTEGRATED G.LITE ANALOG FRONT END
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD500 Datasheet(HTML) 18 Page - Texas Instruments

Back Button TLFD500 Datasheet HTML 14Page - Texas Instruments TLFD500 Datasheet HTML 15Page - Texas Instruments TLFD500 Datasheet HTML 16Page - Texas Instruments TLFD500 Datasheet HTML 17Page - Texas Instruments TLFD500 Datasheet HTML 18Page - Texas Instruments TLFD500 Datasheet HTML 19Page - Texas Instruments TLFD500 Datasheet HTML 20Page - Texas Instruments TLFD500 Datasheet HTML 21Page - Texas Instruments TLFD500 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
TLFD500PN
3.3 V INTEGRATED G.LITE ANALOG FRONT END
SLAS207B – JUNE 1999 – REVISED MAY 2000
18
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PCR-RX2 – programmable gain control register 2 for RX channel PGA1 and PGA2
Address: 00011b
Contents at reset: 00000000b
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
Reserved
RXPGA2[1]
RXPGA2[0]
RXPGA1[2]
RXPGA1[1]
RXPGA1[0]
Table 5. PCR-RX2 Gain
D7
D6
D5
D4
D3
D2
D1
D0
HEX VALUE
BIT NAME
DESCRIPTION
R
–
–
–
–
–
–
–
–
Reserved
Bit reserved for future use
–
R
–
–
–
–
–
–
–
Reserved
Bit reserved for future use
–
–
R
–
–
–
–
–
–
Reserved
Bit reserved for future use
–
–
–
0
0
–
–
–
0x00
RXPGA2[1:0]
0dB
–
–
–
0
1
–
–
–
0x08
6dB
–
–
–
1
0
–
–
–
0x10
12dB
–
–
–
1
1
–
–
–
0x18
18dB
–
–
–
–
–
0
0
0
0x00
RXPGA1[2:0]
0dB
–
–
–
–
–
0
0
1
0x01
3dB
–
–
–
–
–
0
1
0
0x02
6dB
–
–
–
–
–
0
1
1
0x03
9dB
–
–
–
–
–
1
0
0
0x04
12dB
–
–
–
–
–
1
0
1
0x05
INVALID
–
–
–
–
–
1
1
0
0x06
INVALID
–
–
–
–
–
1
1
1
0x07
INVALID
NOTES:
3. The formula to convert bit value to RXPGA2 gain in dB is
RXPGA2 gain (in dB) = RXPGA2[1:0] (in decimal) x 6dB
Similarly the needed RXPGA2[1:0] bit combination can be computed, given the gain in dB.
4. The formula to convert bit value to RXPGA1 gain in dB is
RXPGA1 gain (in dB) = RXPGA1[2:0] (in decimal) x 3dB
Similarly the needed RXPGA1[2:0] bit combination can be computed, given the gain in dB.
CAUTION:
Performance of the codec for invalid combination of bits is not guaranteed and such
combinations should not be used. The user should make no assumption that the code bits
will saturate to a maximum or minimum value or wrap around to a valid combination.
PCR-TX – programmable attenuation control register for TX channel
Address: 00100b
Contents at reset: 00000000b
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
Reserved
TXPAA[4]
TXPAA[3]
TXPAA[2]
TXPAA[1]
TXPAA[0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com