Electronic Components Datasheet Search
  English  ▼

X  

TLFD500 Datasheet(PDF) 9 Page - Texas Instruments

Part # TLFD500
Description  3.3 V INTEGRATED G.LITE ANALOG FRONT END
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD500 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TLFD500 Datasheet HTML 5Page - Texas Instruments TLFD500 Datasheet HTML 6Page - Texas Instruments TLFD500 Datasheet HTML 7Page - Texas Instruments TLFD500 Datasheet HTML 8Page - Texas Instruments TLFD500 Datasheet HTML 9Page - Texas Instruments TLFD500 Datasheet HTML 10Page - Texas Instruments TLFD500 Datasheet HTML 11Page - Texas Instruments TLFD500 Datasheet HTML 12Page - Texas Instruments TLFD500 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
TLFD500PN
3.3 V INTEGRATED G.LITE ANALOG FRONT END
SLAS207B – JUNE 1999 – REVISED MAY 2000
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
Table 1. SDR LSB Control Function
CONTROL BIT D0
CONTROL BIT FUNCTION
0
No secondary transfer requested
1
Secondary transfer requested
primary transfer data mapping
The data bit mapping of a primary transfer is shown in Figure 3. Bits D2–D15 of the SDR data stream are DAC
data. D1 is the control bit for the DGPO pin. The value written to this bit is reflected on the DGPO pin. See the
timing diagram in Figures 5 and 6 for detailed timing information. D0 is the secondary transfer request bit. When
a 1 is written to this bit, the host is requesting a secondary data transfer.
In the SDX data stream, D2–D15 contain the ADC conversion data. D0 and D1 can be set to reflect the values
of GPIO1 and GPIO2. To set D0 and D1 to reflect the GPIO values, the proper bit in the MCR register needs
to be set.
SDR
SDX
D15 – D2
Data to CODEC
Data from CODEC
DGPO Bit
Secondary
Transfer
Request
GPIO1
GPIO0
GPIOx Status if Configured as
Input. Zero if GPIOx Configured
as output or if Masked Off
D1
D0
D15 – D2
Figure 3. Primary Transfer Data Bit Mapping
secondary transfer data mapping
Secondary serial communication is used to configure the device. The data bit mapping for a secondary transfer
is shown in Figure 4. Bits D10–D14 of the SDR data from the host contain the address of the control register
involved in the transfer. D15 is a R/W bit. To read out the control register by the host processor, bit R/W must
be set to 1. To write to the control register by the host processor, bit R/W must be set to 0. During a read operation,
bits D0–D7 are don’t care. For a write operation, bits D0–D7 contain the data for the register addressed by
D10–D14. The eight bits of SDX always reflect the status of GPI00–7.
If the secondary transfer is a read operation, the contents of the control register addressed by D10–D14 of the
SDR data are reflected in bits D0–D7 of the SDX data stream. If the secondary transfer is a write operation, bits
D0–D7 on SDX will be all zeroes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com