Electronic Components Datasheet Search
  English  ▼

X  

TLFD500 Datasheet(PDF) 11 Page - Texas Instruments

Part # TLFD500
Description  3.3 V INTEGRATED G.LITE ANALOG FRONT END
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD500 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TLFD500 Datasheet HTML 7Page - Texas Instruments TLFD500 Datasheet HTML 8Page - Texas Instruments TLFD500 Datasheet HTML 9Page - Texas Instruments TLFD500 Datasheet HTML 10Page - Texas Instruments TLFD500 Datasheet HTML 11Page - Texas Instruments TLFD500 Datasheet HTML 12Page - Texas Instruments TLFD500 Datasheet HTML 13Page - Texas Instruments TLFD500 Datasheet HTML 14Page - Texas Instruments TLFD500 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 38 page
background image
TLFD500PN
3.3 V INTEGRATED G.LITE ANALOG FRONT END
SLAS207B – JUNE 1999 – REVISED MAY 2000
11
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
SCLK
(Output)
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
FSX
(output)
SDX
(Output)
t1 t2 t3
t1: DSP detects FSX
t2: TLFD500PN sends data
t3: DSP latches data
(a) TLFD500PN to DSP
t1: DSP detects FSR
t2: DSP sends data
t3: TLFD500PN latches data
D15
FSR
(output)
SDR
(Input)
t1 t2
t3
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
(b) DSP to TLFD500PN
SCLK
(Output)
NOTE: TI DSP requires 10 ns after the positive edge of the SCLK to give the SDR data. This plus the board delay, output buffer (for SCLK) and
input buffer delay (for SDR) to around 17 ns. As a consequence the SDR data can not be latched at the negative edge of SCLK.
Figure 5. Data Transfers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com