Electronic Components Datasheet Search
  English  ▼

X  

TLFD500 Datasheet(PDF) 16 Page - Texas Instruments

Part # TLFD500
Description  3.3 V INTEGRATED G.LITE ANALOG FRONT END
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD500 Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLFD500 Datasheet HTML 12Page - Texas Instruments TLFD500 Datasheet HTML 13Page - Texas Instruments TLFD500 Datasheet HTML 14Page - Texas Instruments TLFD500 Datasheet HTML 15Page - Texas Instruments TLFD500 Datasheet HTML 16Page - Texas Instruments TLFD500 Datasheet HTML 17Page - Texas Instruments TLFD500 Datasheet HTML 18Page - Texas Instruments TLFD500 Datasheet HTML 19Page - Texas Instruments TLFD500 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
TLFD500PN
3.3 V INTEGRATED G.LITE ANALOG FRONT END
SLAS207B – JUNE 1999 – REVISED MAY 2000
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PCR-RX1 – programmable gain control register 1 for RX channel PGA3
Address: 00010b
Contents at reset: 00000000b
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
RXPGA3[5]
RXPGA3[4]
RXPGA3[3]
RXPGA3[2]
RXPGA3[1]
RXPGA3[0]
Table 4. PCR-RX1 Gain
D7
D6
D5
D4
D3
D2
D1
D0
HEX VALUE
BIT NAME
DESCRIPTION
R
–
–
–
–
–
–
–
–
Reserved
Bit reserved for future use
–
R
–
–
–
–
–
–
–
Reserved
Bit reserved for future use
–
0
0
0
0
0
0
0x00
RXPGA3[5:0]
0dB
–
0
0
0
0
0
1
0x01
0.25dB
–
–
0
0
0
0
1
0
0x02
0.50dB
–
–
0
0
0
0
1
1
0x03
0.75dB
–
–
0
0
0
1
0
0
0x04
1.00dB
–
–
0
0
0
1
0
1
0x05
1.25dB
–
–
0
0
0
1
1
0
0x06
1.50dB
–
–
0
0
0
1
1
1
0x07
1.75dB
–
–
0
0
1
0
0
0
0x08
2.00dB
–
–
0
0
1
0
0
1
0x09
2.25dB
–
–
0
0
1
0
1
0
0x0A
2.50dB
–
–
0
0
1
0
1
1
0x0B
2.75dB
–
–
0
0
1
1
0
0
0x0C
3.00dB
–
–
0
0
1
1
0
1
0x0D
3.25dB
–
–
0
0
1
1
1
0
0x0E
3.50dB
–
–
0
0
1
1
1
1
0x0F
3.75dB
–
–
0
1
0
0
0
0
0x10
4.00dB
–
–
0
1
0
0
0
1
0x11
4.25dB
–
–
0
1
0
0
1
0
0x12
4.50dB
–
–
0
1
0
0
1
1
0x13
4.75dB
–
–
0
1
0
1
0
0
0x14
5.00dB
–
–
0
1
0
1
0
1
0x15
5.25dB
–
–
0
1
0
1
1
0
0x16
5.50dB
–
–
0
1
0
1
1
1
0x17
5.75dB
–
–
0
1
1
0
0
0
0x18
6.00dB
–
–
0
1
1
0
0
1
0x19
6.25dB
–
–
0
1
1
0
1
0
0x1A
6.50dB
–
–
0
1
1
0
1
1
0x1B
6.75dB
–
–
0
1
1
1
0
0
0x1C
7.00dB
–
–
0
1
1
1
0
1
0x1D
7.25dB
–
–
0
1
1
1
1
0
0x1E
7.50dB
–
–
0
1
1
1
1
1
0x1F
7.75dB
–
–
1
0
0
0
0
0
0x20
8.00dB
–
–
1
0
0
0
1
1
0x21
8.25dB
–
–
1
0
0
1
0
0
0x22
8.50dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com