Electronic Components Datasheet Search
  English  ▼

X  

TLFD500 Datasheet(PDF) 36 Page - Texas Instruments

Part # TLFD500
Description  3.3 V INTEGRATED G.LITE ANALOG FRONT END
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD500 Datasheet(HTML) 36 Page - Texas Instruments

Back Button TLFD500 Datasheet HTML 30Page - Texas Instruments TLFD500 Datasheet HTML 31Page - Texas Instruments TLFD500 Datasheet HTML 32Page - Texas Instruments TLFD500 Datasheet HTML 33Page - Texas Instruments TLFD500 Datasheet HTML 34Page - Texas Instruments TLFD500 Datasheet HTML 35Page - Texas Instruments TLFD500 Datasheet HTML 36Page - Texas Instruments TLFD500 Datasheet HTML 37Page - Texas Instruments TLFD500 Datasheet HTML 38Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
TLFD500PN
3.3 V INTEGRATED G.LITE ANALOG FRONT END
SLAS207B – JUNE 1999 – REVISED MAY 2000
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
Output
Signal
5 TXOUP
DVDD 31, 39
0.1
µF
Input signal
need to have
AVDD_RX/2
common mode
voltage
DVDD_RX 51
DVDD_IO 18
VSS 80
AVSS_REF 44
AVSS_TX 8
AVSS_RX 49
AVSS_RX 69
Analog
Ground
AVDD_REF 47
AVDD_RX 48
AVDD_RX 68
AVDD_TX 7
Analog
Power
Supply
10
µF
1.0
µF
1.0
µF
Analog
Power
Supply
Analog
Ground
6 TXOUM
70 RXINP
71 RXINM
75 HPF2OUTM
72 HPF2OUTP
74 HPF2INP
79 HPF1OUTM
76 HPF1OUTP
77 HPF1INM
78 HPF1INP
73 HPF2INM
External
clock
To
VCXO
10
µF
10
µF
10
µF
10
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
TLFD500PN
Digital
Power
Supply
DVSS 34,40,41
DVSS_IO 33
DVSS_RX 52,54,57
Digital
Ground
Digital Interface
to DSP
Figure 17. Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com