Electronic Components Datasheet Search
  English  ▼

X  

TLFD500 Datasheet(PDF) 4 Page - Texas Instruments

Part # TLFD500
Description  3.3 V INTEGRATED G.LITE ANALOG FRONT END
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD500 Datasheet(HTML) 4 Page - Texas Instruments

  TLFD500 Datasheet HTML 1Page - Texas Instruments TLFD500 Datasheet HTML 2Page - Texas Instruments TLFD500 Datasheet HTML 3Page - Texas Instruments TLFD500 Datasheet HTML 4Page - Texas Instruments TLFD500 Datasheet HTML 5Page - Texas Instruments TLFD500 Datasheet HTML 6Page - Texas Instruments TLFD500 Datasheet HTML 7Page - Texas Instruments TLFD500 Datasheet HTML 8Page - Texas Instruments TLFD500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
TLFD500PN
3.3 V INTEGRATED G.LITE ANALOG FRONT END
SLAS207B – JUNE 1999 – REVISED MAY 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AMP1INP– AMP4INP
11,2,66,59
I
Auxiliary amplifier 1–4 positive input
AMP1INM– AMP4INM
10,3,65,60
I
Auxiliary amplifier 1–4 negative input
AMP1OUTP– AMP2OUTP
9,4
O
Auxiliary amplifier 1–2 positive output. Outputs are self-biased to AVDD_TX/2.
AMP3OUTP– AMP4OUTP
64, 61
O
Auxiliary amplifier 3–4 positive output. Outputs are self-biased to AVDD_RX/2.
AMP1OUTM– AMP2OUTM
12,1
O
Auxiliary amplifier 1–2 negative output. Outputs are self-biased to AVDD_TX/2.
AMP3OUTM– AMP4OUTM
67,62
O
Auxiliary amplifier 3–4 negative output. Outputs are self-biased to AVDD_RX/2.
AVDD_REF
47
I
Analog supply for reference circuit
AVDD_RX
48,68
I
RX channel analog supply
AVDD_TX
7
I
TX channel analog supply
AVSS_REF
44
I
Analog supply return for reference(analog ground)
AVSS_RX
49,69
I
RX channel analog supply return (analog ground)
AVSS_TX
8
I
TX channel analog supply return (analog ground)
COMPDAC1
16
I
TX channel decoupling cap input A. Add 1
µF capacitor to AVDD_TX
COMPDAC2
15
I
TX channel decoupling cap input B. Add 1
µF capacitor to AVDD_TX
DGPO
35
O
Direct general-purpose output. This pin reflects the last value written to the DGPO bit
location in the SDR data stream. It is a general-purpose output that does not require a
secondary transfer to control.
DVDD
31,39
I
Digital power supply
DVDD_IO
32
I
Digital I/O buffer supply
DVDD_RX
51
I
RX channel digital supply
DVSS
34,40,41
I
Digital ground
DVSS_IO
33
I
Digital I/O buffer supply return (digital ground)
DVSS_RX
52,54,55,
56,57
I
RX channel digital supply return (digital ground)
FSX
22
O
Serial port frame sync transmit signal
FSR
21
O
Serial port frame sync receive signal
GPIO0–GPIO7
23–30
I/O
General-purpose I/O
HPF1INP
78
I
RX channel stage 1 amplifier positive input. Input signal needs to have AVDD_RX/2
common mode voltage.
HPF1INM
77
I
RX channel stage 1 amplifier negative input. Input signal needs to have AVDD_RX/2
common mode voltage.
HPF2INP
74
I
RX channel stage 2 positive input. Input signal need to have AVDD_RX/2 common mode
voltage.
HPF2INM
73
I
RX channel stage 2 negative input. Input signal need to have AVDD_RX/2 common mode
voltage.
HPF1OUTP
76
O
RX channel stage 1 amplifier positive output. Used to connect external components to obtain
stage 1 HPF.
HPF1OUTM
79
O
RX channel stage 1 amplifier negative output. Used to connect external components to
obtain stage 1 HPF.
HPF2OUTP
72
O
RX channel stage 2 positive output. Output signal has AVDD_RX/2 common mode voltage.
HPF2OUTM
75
O
RX channel stage 2 negative output. Output signal has AVDD_RX/2 common mode voltage.
MCLKIN/PLLCLKIN
37
I
Multiplexed pin based on value of PLLSEL. Selects master clock input, or clock input for PLL
mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com