Electronic Components Datasheet Search
  English  ▼

X  

TLFD500 Datasheet(PDF) 3 Page - Texas Instruments

Part # TLFD500
Description  3.3 V INTEGRATED G.LITE ANALOG FRONT END
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD500 Datasheet(HTML) 3 Page - Texas Instruments

  TLFD500 Datasheet HTML 1Page - Texas Instruments TLFD500 Datasheet HTML 2Page - Texas Instruments TLFD500 Datasheet HTML 3Page - Texas Instruments TLFD500 Datasheet HTML 4Page - Texas Instruments TLFD500 Datasheet HTML 5Page - Texas Instruments TLFD500 Datasheet HTML 6Page - Texas Instruments TLFD500 Datasheet HTML 7Page - Texas Instruments TLFD500 Datasheet HTML 8Page - Texas Instruments TLFD500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
TLFD500PN
3.3 V INTEGRATED G.LITE ANALOG FRONT END
SLAS207B – JUNE 1999 – REVISED MAY 2000
3
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
functional block diagram
MCLKIN
Serial
Interface
and
Control
General
Purpose I/O
Digital
HPF
Digital
LPF
TX
DAC
TX
LPF
RX
LPF
Equalizer+
RX LPF
HPF2
HPF1
INTERNAL
REFERENCE
Clock
Generator
VCXO
DAC
External
VCXO
PAA
SCLK
SDX
SDR
FSX
FSR
TXOUTP/
TXOUTM
RXINP/
RXINM
HPF2OUTP/
HPF2OUTM
HPF2INP/
HPF2INM
AMPOUTP/
AMPOUTM
HPF1OUTP/
HPF1OUTM
HPF1INP/
HPF1INM
AMPINP/
AMPINM
TXBANDGAP/
RXBANDGAP
REFM
REFP
VMID_RX
VCXOCNTL
30 kHz to 138 kHz
30 kHz
138 kHz
AUX Amps(4)
GPI00–GPI07
138 kHz
14 Bit
4.416 MSPS
552 kHz
0 to –24 dB
(–1 dB/step)
TX PAA
14 Bit
4.416 MSPS
552 kHz
0 to 9 dB
(0.25 dB/Step)
RX PGA3
0 to 18 dB
(6 dB/step)
RX PGA2
180 kHz
0 to 12 dB
(3 dB/Step)
RX PGA1
180 kHz
35.328 MHz
ADC
Analog
Loop-back
PGA
PGA
PGA
Digital Loop-back
276
KSPS
1104
KSPS
DPLL
INTERNAL CLOCK
External
Oscillator
35.328 MHz
MCLKIN
See Note
See Note
NOTE: Refer to Figure 17 for application details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com