Electronic Components Datasheet Search
  English  ▼

X  

TLFD500 Datasheet(PDF) 29 Page - Texas Instruments

Part # TLFD500
Description  3.3 V INTEGRATED G.LITE ANALOG FRONT END
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD500 Datasheet(HTML) 29 Page - Texas Instruments

Back Button TLFD500 Datasheet HTML 25Page - Texas Instruments TLFD500 Datasheet HTML 26Page - Texas Instruments TLFD500 Datasheet HTML 27Page - Texas Instruments TLFD500 Datasheet HTML 28Page - Texas Instruments TLFD500 Datasheet HTML 29Page - Texas Instruments TLFD500 Datasheet HTML 30Page - Texas Instruments TLFD500 Datasheet HTML 31Page - Texas Instruments TLFD500 Datasheet HTML 32Page - Texas Instruments TLFD500 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
TLFD500PN
3.3 V INTEGRATED G.LITE ANALOG FRONT END
SLAS207B – JUNE 1999 – REVISED MAY 2000
29
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
recommended operating conditions (continued)
clock
MIN
NOM
MAX
UNIT
Input clock frequency
35.328
MHz
Input clock duty cycle
50%
electrical characteristics over recommended operating free-air temperature range,
fMCLKIN = 35.328 MHz, AVDD_RX/AVDD_TX/AVDD_REF = 3.3 V, DVDD = DVDD_IO = DVDD_RX =
3.3 V, (unless otherwise noted)
TX channel (measured differentially)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Gain error
–1.5
1.5
dB
PAA step gain error
±0.25
dB
DC offset
50
100
mV
Cross-talk
RX to TX channel
–70
dB
Idle channel noise
65
µVrms
Group delay
30
µs
Power supply rejection ratio (PSRR)
200 mVp-p at 75 kHz
70
dB
Analog output voltage
Load = 2000
Ω
3
Vp-p
AC Performance
SNR
Signal-to-noise ratio
70
dB
THD
Total harmonic distortion ratio
70 kHz at –1 dB (see Note 14)
75
dB
TSNR
Signal-to-noise + harmonic distortion ratio
68
dB
30.1875 kHz
–71
MT
Missing-tone test (see Note 15)
81.9375 kHz
–71
dB
129.375 kHz
–71
Channel Frequency Response (Refer to Figure 13)
30 kHz
–1.5
1.5
Filter gain relative to gain at 77.625 kHz
Pass-band (ripple)
–1
1
dB
180 kHz
–70
NOTES: 14. The input signal is the digital equivalent of a sine wave (digital full scale = 0 dB). The normal differential output with this input condition
is 3 Vpp.
15. 27 tones, 25.875 to 138 kHz, 4.3125 kHz/step, 0 dB
reference outputs
MIN
NOM
MAX
UNIT
REFP
2.2
2.5
2.8
V
REFM
0.3
0.5
0.7
V
TXBANDGAP
AVDD_REF = 3.3 V
1.4
1.5
1.6
V
RXBANDGAP
1.4
1.5
1.6
V
VMID_RX
1.5
V
digital outputs
MIN
NOM
MAX
UNIT
VOH
High-level output voltage
IOH = 2 mA
2.4
V
VOL
Low-level output voltage
IOL = –2 mA
0.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com