Electronic Components Datasheet Search
  English  ▼

X  

TLFD500 Datasheet(PDF) 28 Page - Texas Instruments

Part # TLFD500
Description  3.3 V INTEGRATED G.LITE ANALOG FRONT END
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD500 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TLFD500 Datasheet HTML 24Page - Texas Instruments TLFD500 Datasheet HTML 25Page - Texas Instruments TLFD500 Datasheet HTML 26Page - Texas Instruments TLFD500 Datasheet HTML 27Page - Texas Instruments TLFD500 Datasheet HTML 28Page - Texas Instruments TLFD500 Datasheet HTML 29Page - Texas Instruments TLFD500 Datasheet HTML 30Page - Texas Instruments TLFD500 Datasheet HTML 31Page - Texas Instruments TLFD500 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 38 page
background image
TLFD500PN
3.3 V INTEGRATED G.LITE ANALOG FRONT END
SLAS207B – JUNE 1999 – REVISED MAY 2000
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DPLL detailed description (continued)
To prevent variation in the serial clock width (SCLK) due to jitter, the serial clock is modified to have a fixed high
level of 14 ns and a low level of 7 ns, thus resulting in a period of 21 ns. The average clock frequency is still
35.328 MHz. After the 16 SCLKs are complete, the clock goes quiet (no toggle zone) until the rising edge of
the next ADCLK. The length of the
no-toggle zone varies with the ADCLK. Figure 9 illustrates an example.
SCLK
35.328 MHz
ADCLK
2.208 MHz
DACLK
4.416 MHz
14 ns
7 ns
1/35.328 MHz
Figure 9. Relation of SCLK With ADCLK/DACLK in DPLL Mode
absolute maximum ratings over operating free-air temperature (unless otherwise noted)†
Supply voltage, AVDD to AGND, DVDD to DGND
–0.3 V to 4.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range to AGND
–0.3 V to AVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
–0.3 V to DVDD+0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–40
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstr
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
250
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions
power supply
MIN
NOM
MAX
UNIT
Supply voltage
AVDD_RX, AVDD_TX, AVDD_REF
3
3.3
3.6
V
Supply voltage
DVDD, DVDD_IO, DVDD_RX
3
3.3
3.6
V
digital inputs
MIN
NOM
MAX
UNIT
High-level input voltage, VIH
Digital power supply=3 3V
2.4
V
Low-level input voltage, VIL
Digital power supply = 3.3 V
0.6
V
analog input
MIN
NOM
MAX
UNIT
Analog input signal range
AVDD_RX = 3.3 V, The input signal is measured single ended.
AVDD_RX/2
±0.75
V
Analog input signal range
AVDD_RX = 3.3 V, The input signal is measured differentially.
3
Vp-p



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com