Electronic Components Datasheet Search
  English  ▼

X  

TLFD500 Datasheet(PDF) 7 Page - Texas Instruments

Part # TLFD500
Description  3.3 V INTEGRATED G.LITE ANALOG FRONT END
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD500 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TLFD500 Datasheet HTML 3Page - Texas Instruments TLFD500 Datasheet HTML 4Page - Texas Instruments TLFD500 Datasheet HTML 5Page - Texas Instruments TLFD500 Datasheet HTML 6Page - Texas Instruments TLFD500 Datasheet HTML 7Page - Texas Instruments TLFD500 Datasheet HTML 8Page - Texas Instruments TLFD500 Datasheet HTML 9Page - Texas Instruments TLFD500 Datasheet HTML 10Page - Texas Instruments TLFD500 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
TLFD500PN
3.3 V INTEGRATED G.LITE ANALOG FRONT END
SLAS207B – JUNE 1999 – REVISED MAY 2000
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description (continued)
–100
–150
–200
–250
0
0.5
1
–50
0
f – Frequency – Hz
50
1.5
2
× 105
–4
–6
–8
–10
1
1.2
1.4
–2
0
f – Frequency – Hz
2
1.6
1.8
2
× 105
(a) RX-Stage HPF1 Frequency Response (0 to 200 kHz)
(b) RX-Stage HPF1 Frequency Response (100 kHz to 200 kHz)
kHz
38.6
90.6
142.
6
194.
6
246.
6
298.
6
–27
–24
–21
–18
–15
–12
–
9
–
6
–
3
0
(c) RX-Stage HPF2 Frequency Response (PGA1 = PGA2 = 0 dB)
Figure 1. RX Stage HPF1 and HPF2 Frequency Response
clock control – VCXO mode
The VCXODAC uses a 12-bit, 2s complement number to control a 0-V to 3-V analog output. The two 8-bit
registers, VCR-M and VCR-L, are used to generate the 12-bit control code (2s complement). This implies the
use of 16 bits to obtain a 12-bit number.
VCR-M register occupy the most significant 8 bits in the 12-bit number and the lower 4 bits of the VCR-L register
(VCR-L[3:0] ) are used for the low 4 bits of the 12-bit number. The 12-bit code is updated every time either
register is updated. VCR-L[7:4] must always be zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com