Electronic Components Datasheet Search
  English  ▼

X  

TLFD500 Datasheet(PDF) 22 Page - Texas Instruments

Part # TLFD500
Description  3.3 V INTEGRATED G.LITE ANALOG FRONT END
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLFD500 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TLFD500 Datasheet HTML 18Page - Texas Instruments TLFD500 Datasheet HTML 19Page - Texas Instruments TLFD500 Datasheet HTML 20Page - Texas Instruments TLFD500 Datasheet HTML 21Page - Texas Instruments TLFD500 Datasheet HTML 22Page - Texas Instruments TLFD500 Datasheet HTML 23Page - Texas Instruments TLFD500 Datasheet HTML 24Page - Texas Instruments TLFD500 Datasheet HTML 25Page - Texas Instruments TLFD500 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 38 page
background image
TLFD500PN
3.3 V INTEGRATED G.LITE ANALOG FRONT END
SLAS207B – JUNE 1999 – REVISED MAY 2000
22
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
GPR-C – GPIO I/O direction control register
Address: 01000b
Contents at reset: 11111111b
D7
D6
D5
D4
D3
D2
D1
D0
GPIOC[7]
GPIOC[6]
GPIOC[5]
GPIOC[4]
GPIOC[3]
GPIOC[2]
GPIOC[1]
GPIOC[0]
Table 9. GPR-C Direction Control
D7
D6
D5
D4
D3
D2
D1
D0
REG VALUE
BIT NAME
DESCRIPTION
0
–
–
–
–
–
–
–
–
GPIOC[7]
Configure GPIO 7 pin as output
1
–
–
–
–
–
–
–
0x80
GPIOC[7]
Configure GPIO 7 pin as input
–
0
–
–
–
–
–
–
–
GPIOC[6]
Configure GPIO 6 pin as output
–
1
–
–
–
–
–
–
0x40
GPIOC[6]
Configure GPIO 6 pin as input
–
–
0
–
–
–
–
–
–
GPIOC[5]
Configure GPIO 5 pin as output
–
–
1
–
–
–
–
–
0x20
GPIOC[5]
Configure GPIO 5 pin as input
–
–
–
0
–
–
–
–
–
GPIOC[4]
Configure GPIO 4 pin as output
–
–
–
1
–
–
–
–
0x10
GPIOC[4]
Configure GPIO 4 pin as input
–
–
–
–
0
–
–
–
–
GPIOC[3]
Configure GPIO 3 pin as output
–
–
–
–
1
–
–
–
0x08
GPIOC[3]
Configure GPIO 3 pin as input
–
–
–
–
–
0
–
–
–
GPIOC[2]
Configure GPIO 2 pin as output
–
–
–
–
–
1
–
–
0x04
GPIOC[2]
Configure GPIO 2 pin as input
–
–
–
–
–
–
0
–
–
GPIOC[1]
Configure GPIO 1 pin as output
–
–
–
–
–
–
1
–
0x02
GPIOC[1]
Configure GPIO 1 pin as input
–
–
–
–
–
–
–
0
–
GPIOC[0]
Configure GPIO 0 pin as output
–
–
–
–
–
–
–
1
0x01
GPIOC[0]
Configure GPIO 0 pin as input
NOTE 8: A particular GPIOC control bit configures direction for the corresponding GPIOD data bit.
GPR-D – GPIO data register
Address: 01001b
Contents at reset: 00000000b
D7
D6
D5
D4
D3
D2
D1
D0
GPIOD[7]
GPIOD[6]
GPIOD[5]
GPIOD[4]
GPIOD[3]
GPIOD[2]
GPIOD[1]
GPIOD[0]
CAUTION:
GPIOD[7:0] corresponds to pins GPIO7–GPIO0 respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com