Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A8521 Datasheet HTML 1Page - Allegro MicroSystems A8521 Datasheet HTML 2Page - Allegro MicroSystems A8521 Datasheet HTML 3Page - Allegro MicroSystems A8521 Datasheet HTML 4Page - Allegro MicroSystems A8521 Datasheet HTML 5Page - Allegro MicroSystems A8521 Datasheet HTML 6Page - Allegro MicroSystems A8521 Datasheet HTML 7Page - Allegro MicroSystems A8521 Datasheet HTML 8Page - Allegro MicroSystems A8521 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Functional Block Diagram
VDD
Regulator
UVLO
Internal
Soft Start
Enable
PWM
Thermal
Shutdown
Open/Short
LED Detect
ISET
Fault
LED
Driver
1.235 V
Ref
Driver
Circuit
Internal VCC
Internal VCC
VREF
Internal VCC
VREF
VREF
ISS
ISS
IADJ
GOFF
100 kΩ
AGND
Current
Sense
Input Current
Sense Amplifier
PMOS
Driver
Diode
Open
Sense
OVP
Sense
Oscillator
SW
VIN
FSET/SYNC
COMP
VSENSE
GATE
PWM/EN
APWM
PAD
PGND
AGND
ISET
OVP
LED4
LED1
LED2
LED3
FAULT
AGND
PGND
∑
Fault
Fault
Fault



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com