Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 31 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 31 Page - Allegro MicroSystems

Back Button A8521 Datasheet HTML 27Page - Allegro MicroSystems A8521 Datasheet HTML 28Page - Allegro MicroSystems A8521 Datasheet HTML 29Page - Allegro MicroSystems A8521 Datasheet HTML 30Page - Allegro MicroSystems A8521 Datasheet HTML 31Page - Allegro MicroSystems A8521 Datasheet HTML 32Page - Allegro MicroSystems A8521 Datasheet HTML 33Page - Allegro MicroSystems A8521 Datasheet HTML 34Page - Allegro MicroSystems A8521 Datasheet HTML 35Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 31 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
31
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
tions, due to stringent EMI requirements, the system must operate
in continuous conduction mode throughout the whole input volt-
age range.
Step 4a
Determining the duty cycle, calculated as follows:
D(max)
Vd
=
+
Vd
+
VOUT(OVP)
+
VIN(min)
VOUT(OVP)
76.5%
==
5 (V) + 15.9 (V) + 0.4 (V)
+ 0.4 (V)
15.9 (V)
(35)
Step 4b
Determining the maximum and minimum input current
to the system. The minimum input current will dictate the induc-
tor value. The maximum current rating will dictate the current
rating of the inductor. First, the maximum input current, given:
IOUT = #CHANNELS ILED
0.240 A
==
4
0.060 (A)
(36)
then:
IIN(max) =
VIN(min)
VOUT(OVP) IOUT
0.848 A
==
15.9 (V)
5 (V)
0.90
0.24 (A)
(37)
where η is efficiency.
Next, calculate minimum input current, as follows:
IIN(min) =
VIN(max)
VOUT(OVP) IOUT
0.265 A
==
15.9 (V)
16 (V)
0.90
0.24 (A)
(38)
Step 4c
Determining the inductor value. To ensure that the induc-
tor operates in continuous conduction mode, the value of the
inductor must be set such that the ½ inductor ripple current is not
greater than the average minimum input current. As a first pass
assume Iripple to be 30% of the maximum inductor current:
ΔIL = IIN(max) × Iripple
(39)
= 0.848 × 0.30 = 0.254 A
then:
L
=
VIN(min)
D(max)
fSW
ΔIL
7.53 μH
0.254 (A)
=
=
0.765
5 (V)
2 (MHz)
(40)
Step 4d
Double-check to make sure the ½ current ripple is less
than IIN(min):
IIN(min) > 1/2 ΔIL
(41)
0.265 A > 0.127 A
A good inductor value to use would be 10 μH.
Step 4e
Next insert the inductor value used in the design to deter-
mine the actual inductor ripple current:
=
VIN(min) D(max)
fSW
Lused
ΔILused
10 (μH)
0.191 A
==
0.765
5 (V)
2.0 (MHz)
(42)
Step 4f
Determining the inductor current rating. The inductor
current rating must be greater than the IIN(max) value plus half of
the ripple current ΔIL, calculated as follows:
L(min) = IIN(max) + 1/2 ΔILused
(43)
= 0.848 (A) + 0.096 (A) = 0.944 A
Step 5
Determining the resistor value for a particular switching
frequency. Use the RFSET values shown in figure 7. For example,
a 10 kΩ resistor will result in a 2 MHz switching frequency.
Step 6
Choosing the proper switching diode. The switching diode
must be chosen for three characteristics when it is used in LED
lighting circuitry. The most obvious two are: current rating of the
diode and reverse voltage rating.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com