Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 32 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 32 Page - Allegro MicroSystems

Back Button A8521 Datasheet HTML 27Page - Allegro MicroSystems A8521 Datasheet HTML 28Page - Allegro MicroSystems A8521 Datasheet HTML 29Page - Allegro MicroSystems A8521 Datasheet HTML 30Page - Allegro MicroSystems A8521 Datasheet HTML 31Page - Allegro MicroSystems A8521 Datasheet HTML 32Page - Allegro MicroSystems A8521 Datasheet HTML 33Page - Allegro MicroSystems A8521 Datasheet HTML 34Page - Allegro MicroSystems A8521 Datasheet HTML 35Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
32
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The reverse breakdown voltage rating for the output diode in a
SEPIC circuit should be:
VBD > VOUT(OVP)(max) + VIN(max)
(44)
> 15.9 (V) + 16 (V) = 31.9 V
because the maximum output voltage in this case is VOUT(OVP).
The peak current through the diode is calculated as:
Idp = IIN(max) + 1/2 ΔILused
(45)
= 0.848 (A) + 0.096 (A) = 0.944 A
The third major component in deciding the switching diode is the
reverse current, IR , characteristic of the diode. This characteristic
is especially important when PWM dimming is implemented.
During PWM off-time the boost converter is not switching. This
results in a slow bleeding off of the output voltage, due to leakage
currents. IR can be a large contributor, especially at high tempera-
tures. On the diode that was selected in this design, the current
varies between 1 and 100 μA. It is often advantageous to pick a
diode with a much higher breakdown voltage, just to reduce the
reverse current. Therefore for this example, pick a diode rated for
a VBD of 60 V, instead of just 40 V.
Step 7
Choosing the output capacitors. The output capacitors
must be chosen such that they can provide filtering for both the
boost converter and for the PWM dimming function. The biggest
factors that contribute to the size of the output capacitor are:
PWM dimming frequency and PWM duty cycle. Another major
contributor is leakage current, ILK. This current is the combina-
tion of the OVP leakage current as well as the reverse current of
the switching diode. In this design the PWM dimming frequency
is 200 Hz and the minimum duty cycle is 1%. Typically, the volt-
age variation on the output, VCOUT, during PWM dimming must
be less than 250 mV, so that no audible hum can be heard. The
capacitance can be calculated as follows:
COUT =
fPWM(dimming)
1 – D(min)
1 – 0.01
200 (Hz)
ILK
200 (μA)
3.96 μF
==
0.250 (V)
VCOUT
(46)
A capacitor larger than 3.96 μF should be selected due to degra-
dation of capacitance at high voltages on the capacitor. Select a
4.7 μF capacitor for this application.
The rms current through the capacitor is given by:
ICOUTrms =
1 – D(max)
D(max)
IOUT
0.240 (A)
0.433 A
==
1 – 0.765
0.765
(47)
The output capacitor must have a ripple current rating of at least
500 mA. The capacitor selected for this design is a 4.7 μF 50 V
capacitor with a 1.5 A current rating.
Step 8
Selecting input capacitor. The input capacitor must be
selected such that it provides a good filtering of the input voltage
waveform. A estimation rule is to set the input voltage ripple,
ΔVIN, to be 1% of the minimum input voltage. The minimum
input capacitor requirements are as follows:
CIN =
fSW
0.191 (A)
∆ILused
0.24 μF
8
==
∆VIN
2 (MHz) 0.05 (V)
8
(48)
The rms current through the capacitor is given by:
CINrms
=
∆ILused
0.055 A
12
=
=
0.191 (A)
12
(49)
A good ceramic input capacitor with a rating of 2.2 μF 25 V will
suffice for this application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com