Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A8521 Datasheet HTML 6Page - Allegro MicroSystems A8521 Datasheet HTML 7Page - Allegro MicroSystems A8521 Datasheet HTML 8Page - Allegro MicroSystems A8521 Datasheet HTML 9Page - Allegro MicroSystems A8521 Datasheet HTML 10Page - Allegro MicroSystems A8521 Datasheet HTML 11Page - Allegro MicroSystems A8521 Datasheet HTML 12Page - Allegro MicroSystems A8521 Datasheet HTML 13Page - Allegro MicroSystems A8521 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
100
95
90
85
80
75
96
94
92
90
88
86
84
82
80
78
Input Voltage, VIN (V)
Efficiency for Various LED Configura ons
ILED = 70 mA, LED Vf ≈ 3.2 V
Efficiency for Various LED Configura ons
ILED = 80 mA, LED Vf ≈ 3.2 V
Input Voltage, VIN (V)
4 strings, 6 series LEDs each
4 strings, 7 series LEDs each
4 strings, 8 series LEDs each
4 strings, 6 series LEDs each
4 strings, 7 series LEDs each
4 strings, 8 series LEDs each
5
7
9
11131517
5
7
9
11
13
15
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com