Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 29 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 29 Page - Allegro MicroSystems

Back Button A8521 Datasheet HTML 25Page - Allegro MicroSystems A8521 Datasheet HTML 26Page - Allegro MicroSystems A8521 Datasheet HTML 27Page - Allegro MicroSystems A8521 Datasheet HTML 28Page - Allegro MicroSystems A8521 Datasheet HTML 29Page - Allegro MicroSystems A8521 Datasheet HTML 30Page - Allegro MicroSystems A8521 Datasheet HTML 31Page - Allegro MicroSystems A8521 Datasheet HTML 32Page - Allegro MicroSystems A8521 Datasheet HTML 33Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
29
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Step 9
Choosing the input disconnect switch components. Set
the input disconnect 1X current limit to 3 A by choosing a sense
resistor. The calculated maximum value of the sense resistor is:
RSC(max) = VSENSEtrip / 3.0 (A)
(28)
= 0.104 (V) / 3.0 (A) = 0.035 Ω
The RSC chosen is 0.033 Ω, a standard.
The trip point voltage must be:
VADJ = 3.0 (A) × 0.033 (Ω) = 0.099 (V)
RADJ = (VSENSEtrip – VADJ ) / IADJ (typ)
(29)
RADJ = (0.104 (V) – 0.099 (V)) / 20.3 (μA) = 246.31 Ω
A value of 249 Ω was chosen for this design.
GATE
SW
Q1
L1
D1
CVDD
OVP
VOUT
ROVP
COUT
RSC
RADJ
VSENSE
VIN
VDD
PWM/EN
APWM
ISET
FSET/SYNC
AGND
PGND
COMP
CP
RZ
CZ
FAULT
PAD
A8521
150 Ω
VC
10 μH
2 A / 60 V
137 kΩ
0.033 Ω
249 Ω
100 kΩ
RISET
11 kΩ
RFSET
10 kΩ
4.7 μF
CIN
4.7 μF
CC
22 nF
RC
20 Ω
0.1 μF
0.47 μF
120 pF
VIN
10 to 14 V
LED4
LED1
10 LEDs each string
LED2
LED3
Figure 33. The schematic diagram showing calculated values from the design example above.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com