Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 7 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 7 Page - Allegro MicroSystems

Back Button A8521 Datasheet HTML 3Page - Allegro MicroSystems A8521 Datasheet HTML 4Page - Allegro MicroSystems A8521 Datasheet HTML 5Page - Allegro MicroSystems A8521 Datasheet HTML 6Page - Allegro MicroSystems A8521 Datasheet HTML 7Page - Allegro MicroSystems A8521 Datasheet HTML 8Page - Allegro MicroSystems A8521 Datasheet HTML 9Page - Allegro MicroSystems A8521 Datasheet HTML 10Page - Allegro MicroSystems A8521 Datasheet HTML 11Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
7
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
ELECTRICAL CHARACTERISTICS1,2 (continued) Valid at VIN = 16 V, TA = 25°C,
indicates specifications guaranteed by design
and characterization over the full operating temperature range with TA = TJ = –40°C to 125°C; unless otherwise noted
Characteristics
Symbol
Test Conditions
Min.
Typ.
Max.
Unit
GATE Pin
GATE Pin Sink Current
IGSINK
VGS = VIN
−−104
−μA
Gate Fault Shutdown Greater than
2X Current2
tGFAULT2
−−
3
μs
Gate Fault Shutdown Greater than
1–2X Current
tGFAULT1
−
10,000
−
fSW
cycles
Gate Voltage
VGS
Gate to source voltage measured when gate
is on
−
–6.7
−
V
VSENSE Pin
VSENSE Pin Sink Current
IADJ
18.8
20.3
21.8
μA
VSENSE Trip Point
VSENSEtrip1
Measured between VIN and VSENSE,
RADJ = 0 Ω
94
104
114
mV
VSENSE 2X Trip2
VSENSEtrip2
2X VSENSEtrip, instantaneous shutdown,
RADJ = 0 Ω
−
180
−
mV
¯F¯¯A¯¯U¯¯L¯¯T¯ Pin
¯F¯¯A¯U¯¯L¯¯T¯ Pull-Down Voltage
VFAULT
IFAULT = 1 mA
−−
0.5
V
¯F¯¯A¯U¯¯L¯¯T¯ Pin Leakage Current
IFAULTLKG VFAULT = 5 V
−−
1
μA
Thermal Protection (TSD)
Thermal Shutdown Threshold2
TSD
Temperature rising
−
165
−
ºC
Thermal Shutdown Hysteresis2
TSDHYS
−
20
−
ºC
1For input and output current specifications, negative current is defined as coming out of the node or pin (sourcing); positive current is defined as
going into the node or pin (sinking).
2Ensured by design and characterization, not production tested.
3Minimum VIN = 5 V is only required at startup. After startup is completed, the IC is able to function down to VIN = 4 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com