Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 21 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 21 Page - Allegro MicroSystems

Back Button A8521 Datasheet HTML 17Page - Allegro MicroSystems A8521 Datasheet HTML 18Page - Allegro MicroSystems A8521 Datasheet HTML 19Page - Allegro MicroSystems A8521 Datasheet HTML 20Page - Allegro MicroSystems A8521 Datasheet HTML 21Page - Allegro MicroSystems A8521 Datasheet HTML 22Page - Allegro MicroSystems A8521 Datasheet HTML 23Page - Allegro MicroSystems A8521 Datasheet HTML 24Page - Allegro MicroSystems A8521 Datasheet HTML 25Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
21
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Figure 25. Normal operation of the switch node (SW); inductor current
(IL) and output voltage (VOUT) for 9 series LEDs in each of four strings
configuration; shows SW node (ch1, 20 V/div.), inductor current IL (ch2,
1 A/div.), VOUT (ch3, 10 V/div.), and PWM/EN (ch4, 5 V/div.),
time = 2 μs/div.
Figure 26. Cycle-by-cycle current limiting; inductor current (yellow trace, IL),
note reduction in output voltage as compared to normal operation with the
same configuration (figure 26); shows SW node (ch1, 20 V/div.), inductor
current IL (ch2, 1 A/div.), VOUT (ch3, 10 V/div.), and PWM/EN (ch4, 5 V/div.),
time = 2 μs/div.
Figure 27. Secondary boost switch current limit; when this limit is hit, the
A8521 immediately shuts down; shows PWM (ch1, 5 V/div.), VOUT (ch2,
5 V/div.), SW node (ch3, 50 V/div.), and inductor current IL (ch4, 2 A/div.),
time = 100 ns/div.
t
VOUT
PWM/EN
SW node
IL
C1
C3
C4
C2
t
VOUT
PWM/EN
SW node
IL
C1
C3
C4
C2
t
IL
PWM/EN
SW node
C1
C3
C4
C2
FAULT
Boost switch overcurrent protection
The boost switch is protected with cycle-by-cycle current limiting
set at a minimum of 3.0 A. There is also a secondary current limit
that is sensed on the boost switch. When detected this current
limit immediately shuts down the A8521. The level of this cur-
rent limit is set above the cycle-by-cycle current limit to protect
the switch from destructive currents when the boost inductor is
shorted. Various boost switch overcurrent conditions are shown in
figures 25 through 27.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com