Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 19 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 19 Page - Allegro MicroSystems

Back Button A8521 Datasheet HTML 15Page - Allegro MicroSystems A8521 Datasheet HTML 16Page - Allegro MicroSystems A8521 Datasheet HTML 17Page - Allegro MicroSystems A8521 Datasheet HTML 18Page - Allegro MicroSystems A8521 Datasheet HTML 19Page - Allegro MicroSystems A8521 Datasheet HTML 20Page - Allegro MicroSystems A8521 Datasheet HTML 21Page - Allegro MicroSystems A8521 Datasheet HTML 22Page - Allegro MicroSystems A8521 Datasheet HTML 23Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
19
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
t
VOUT
PWM
SW node
Output disconnect
event detected
IOUT
C1
C3
C4
C2
Overvoltage protection
The A8521 has overvoltage protection (OVP) and open Schottky
diode (D1 in figure 1) protection. The OVP protection has a
default level of 8.1 V and can be increased up to 53 V by con-
necting resistor ROVP between the OVP pin and VOUT. When
the current into the OVP pin exceeds 199 μA (typical), the OVP
comparator goes low and the boost stops switching.
The following equation can be used to determine the resistance
for setting the OVP level:
ROVP = ( VOUTovp – VOVP(th)) / IOVPH
(5)
where:
VOUTovp is the target overvoltage level,
ROVP is the value of the external resistor, in Ω,
VOVP(th) is the pin OVP trip point found in the Electrical Charac-
teristics table, and
IOVPH is the current into the OVP pin.
There are several possibilities for why an OVP condition would
be encountered during operation, the two most common being: a
disconnected output, and an open LED string. Examples of these
are provided in figures 21 and 22.
Figure 21 illustrates when the output of the A8521 is discon-
nected from load during normal operation. The output voltage
instantly increases up to OVP voltage level and then the boost
stops switching to prevent damage to the IC. If the output is
drained off, eventually the boost might start switching for a short
duration until the OVP threshold is hit again.
Figure 22 displays a typical OVP event caused by an open LED
string. After the OVP condition is detected, the boost stops
switching, and the open LED string is removed from operation.
Afterwards VOUT is allowed to fall, and eventually the boost will
resume switching and the A8521 will resume normal operation.
Figure 21. OVP protection in an output disconnect event; shows VOUT
(ch1, 10 V/div.), SW node (ch2, 50 V/div.), PWM (ch3, 5 V/div.), and
IOUT (ch4, 200 mA/div.), time = 1 ms/div.
Figure 22. OVP protection in an open LED string event; shows VOUT
(ch1, 10 V/div.), SW node (ch2, 50 V/div.), PWM (ch3, 5 V/div.), and
IOUT (ch4, 200 mA/div.), time = 500 μs/div.
t
VOUT
PWM
SW node
IOUT
C1
C3
C4
C2
LED string open
condition detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com