Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 22 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 22 Page - Allegro MicroSystems

Back Button A8521 Datasheet HTML 18Page - Allegro MicroSystems A8521 Datasheet HTML 19Page - Allegro MicroSystems A8521 Datasheet HTML 20Page - Allegro MicroSystems A8521 Datasheet HTML 21Page - Allegro MicroSystems A8521 Datasheet HTML 22Page - Allegro MicroSystems A8521 Datasheet HTML 23Page - Allegro MicroSystems A8521 Datasheet HTML 24Page - Allegro MicroSystems A8521 Datasheet HTML 25Page - Allegro MicroSystems A8521 Datasheet HTML 26Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
22
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Input overcurrent protection and disconnect switch
The primary function of the input disconnect switch is to protect
the system and the device from catastrophic input currents during
a fault condition. The external circuit implementing the discon-
nect is shown in figure 28. If the input disconnect switch is not
used, the VSENSE pin must be tied to VIN and the GATE pin
must be left open.
When selecting the external PMOS, check for the following
parameters:
• Drain-source breakdown voltage V(BR)DSS > –40 V
• Gate threshold voltage (make sure it is fully conducting at
VGS = –4 V, and cut-off at –1 V)
• RDS(on): Make sure the on-resistance is rated at VGS = –4.5 V or
similar, not at –10 V; derate it for higher temperature
The input disconnect switch has two modes of operation:
• 1X mode
When the input current is between one and two times
the preset current limit value, the disconnect switch enters a con-
stant-current mode for a maximum duration of 10,000 cycles or
5 ms at 2 MHz. During this time, the Fault flag is set immediately
and the disconnect switch goes into a linear mode of operation,
in which the input current will be limited to a value approximate
to the 1X current trip point level (figure 29). If the fault corrects
itself before the expiration of the timer, the Fault flag will be
removed and normal operation will resume.
The user can also during this time decide whether to shut down
the A8521. To immediately shut down the device, pull the FSET/
SYNC pin low for more than 7 μs. After the FSET/SYNC pin has
been low for a period longer than 7 μs, the IC will stop switching,
the input disconnect switch will open, and the LEDx pins will
stop sinking current. The A8521 can be powered-down into low
power mode. To do so, disable the IC by keeping the PWM/EN
pin low for a period of 32,750 clock cycles. To keep the discon-
nect switch stable while the disconnect switch is in 1X mode, use
a 22 nF capacitor for CC and a 20 Ω resistor for RC.
Figure 28. Typical circuit showing the implementation of the input
disconnect feature.
GATE
RADJ
RC
CC
RSC
To L1
VSENSE
VIN
A8521
Q1
VIN
Figure 29. Showing typical wave forms for a 3-A, 1X current limit under a
fault condition; shows fSW = 800 kHz, ¯F¯¯A¯U¯¯L¯¯T¯ (ch1, 5 V/div.), IIN (ch2, 2 A/
div.), GATE (ch3, 5 V/div.), and PWM/EN (ch4, 5 V/div.), time = 5 ms/div.
t
GATE
PWM/EN
IIN
C1
C3
C4
C2
FAULT
(1) Initial fault
detected
(2) Disconnect switch
goes into a linear mode
(4) After 12.5 ms,
disconnect switch
shuts down
(3) IIN limited to 3 A
Figure 30. 2X mode, secondary overcurrent fault condition. IIN is the input
current through the switch. The Fault flag is set at the 1X current limit, and
when the 2X current limit is reached the A8521 disables the gate of the
disconnect switch (GATE); shows ¯F¯¯A¯U¯¯L¯¯T¯ (ch1, 5 V/div.), GATE (ch2,
10 V/div.), IIN (ch3, 2 A/div.), and PWM/EN (ch4, 5 V/div.), time = 5 μs/div.
t
GATE
PWM/EN
IIN
C1
C3
C4
C2
FAULT
Fault flag set at
1X trip point
A8521 shuts down at
2X trip point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com