Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 28 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 28 Page - Allegro MicroSystems

Back Button A8521 Datasheet HTML 24Page - Allegro MicroSystems A8521 Datasheet HTML 25Page - Allegro MicroSystems A8521 Datasheet HTML 26Page - Allegro MicroSystems A8521 Datasheet HTML 27Page - Allegro MicroSystems A8521 Datasheet HTML 28Page - Allegro MicroSystems A8521 Datasheet HTML 29Page - Allegro MicroSystems A8521 Datasheet HTML 30Page - Allegro MicroSystems A8521 Datasheet HTML 31Page - Allegro MicroSystems A8521 Datasheet HTML 32Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
28
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
The reverse voltage rating should be such that during operation
condition, the voltage rating of the device is larger than the maxi-
mum output voltage. In this case it is VOUT(OVP).
The peak current through the diode is calculated as:
Idp = IIN(max) + 1/2 ΔILused
(23)
= 0.94 (A) + 0.36 (A) / 2 = 1.12 A
The third major component in deciding the switching diode is the
reverse current, IR, characteristic of the diode. This characteristic
is especially important when PWM dimming is implemented.
During PWM off-time the boost converter is not switching. This
results in a slow bleeding off of the output voltage, due to leakage
currents. IR can be a large contributor, especially at high tempera-
tures. On the diode that was selected in this design, the current
varies between 1 and 100 μA.
Step 7
Choosing the output capacitors. The output capacitors
must be chosen such that they can provide filtering for both the
boost converter and for the PWM dimming function. The biggest
factors that contribute to the size of the output capacitor are:
PWM dimming frequency and PWM duty cycle. Another major
contributor is leakage current, ILK. This current is the combina-
tion of the OVP leakage current as well as the reverse current of
the switching diode. In this design the PWM dimming frequency
is 200 Hz and the minimum duty cycle is 1%. Typically, the volt-
age variation on the output, VCOUT, during PWM dimming must
be less than 250 mV, so that no audible hum can be heard. The
capacitance can be calculated as follows:
COUT =
fPWM(dimming)
1 – D(min)
1 – 0.01
200 Hz
ILK
200 μA
3.96 μF
==
0.250 V
VCOUT
(24)
A capacitor larger than 3.96 μF should be selected due to degra-
dation of capacitance at high voltages on the capacitor. A ceramic
4.7 μF 50 V capacitor is a good choice to fulfill this requirement.
Corresponding capacitors include:
Vendor
Value
Part number
Murata
4.7 μF 50 V
GRM32ER71H475KA88L
Murata
2.2 μF 50 V
GRM31CR71H225KA88L
The rms current through the capacitor is given by:
ICOUTrms =
1 – D(max)
D(max) +
∆ILused
IOUT
0.240 (A)
0.39 A
× 12
==
IIN(max)
1 – 0.72
0.72 + 0.36 (A)
0.94 (A)× 12
(25)
The output capacitor must have a current rating of at least
390 mA. The capacitor selected in this design was a 4.7 μF 50 V
capacitor with a 3 A current rating.
Step 8
Selecting input capacitor. The input capacitor must be
selected such that it provides a good filtering of the input voltage
waveform. A good rule of thumb is to set the input voltage ripple
ΔVIN to be 1% of the minimum input voltage. The minimum
input capacitor requirements are as follows:
CIN =
fSW
0.36 (A)
∆ILused
0.23 μF
8
==
∆VIN
2 (MHz) 0.1 (V)
8
(26)
The rms current through the capacitor is given by:
CINrms
=
(1 – D)×
IOUT ×
∆ILused
0.095 A
12
=
=
IIN(max)
(1 – 0.72)×
0.240 (A) × 0.36 (A)
0.94 (A)
12
(27)
A good ceramic input capacitor with ratings of 2.2 μF 50 V or
4.7 μF 50 V will suffice for this application. Corresponding
capacitors include:
Vendor
Value
Part number
Murata
4.7 μF 50 V
GRM32ER71H475KA88L
Murata
2.2 μF 50 V
GRM31CR71H225KA88L



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com