Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 18 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 18 Page - Allegro MicroSystems

Back Button A8521 Datasheet HTML 14Page - Allegro MicroSystems A8521 Datasheet HTML 15Page - Allegro MicroSystems A8521 Datasheet HTML 16Page - Allegro MicroSystems A8521 Datasheet HTML 17Page - Allegro MicroSystems A8521 Datasheet HTML 18Page - Allegro MicroSystems A8521 Datasheet HTML 19Page - Allegro MicroSystems A8521 Datasheet HTML 20Page - Allegro MicroSystems A8521 Datasheet HTML 21Page - Allegro MicroSystems A8521 Datasheet HTML 22Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
18
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Although the APWM dimming function has a wide frequency
range, if this function is used strictly as an analog dimming
function it is recommended to use frequency ranges between
50 and 500 kHz for best accuracy. The frequency range must be
considered only if the user is not using this function as a closed
loop trim function. Another limitation is that the propagation
delay between this APWM signal and IOUT takes several milli-
seconds to change the actual LED current. This effect is shown in
figures 16, 17, and 19.
Analog dimming
The A8521 can also be dimmed by using an external DAC or
another voltage source applied either directly to the ground side
of the RISET resistor or through an external resistor to the ISET
pin (see figure 19). The limit of this type of dimming depends on
the range of the ISET pin. In the case of the A8521 the limit is
20 to 125 μA.
• For a single resistor (panel A of figure 20), the ISET current is
controlled by the following formula:
ISET =
VISET – VDAC
RISET
(3)
where VISET is the ISET pin voltage and VDAC is the DAC output
voltage.
When the DAC voltage is 0 V the LED current will be at its
maximum. To keep the internal gain amplifier stable, the user
should not decrease the current through the RISET resistor to less
than 20 μA
• For a dual-resistor configuration (panel B of figure 20), the ISET
current is controlled by the following formula:
ISET =
–
VISET
RISET
VDAC – VISET
R1
(4)
The advantage of this circuit is that the DAC voltage can be
higher or lower, thus adjusting the LED current to a higher or
lower value of the preset LED current set by the RISET resistor:
▫ VDAC = 1.003 V; the output is strictly controlled by RISET
▫ VDAC > 1.003 V; the LED current is reduced
▫ VDAC < 1.003 V; the LED current is increased
Figure 20. Simplified diagrams of voltage control of ILED: typical
applications using a DAC to control ILED using a single resistor (upper),
and dual resistors (lower).
GND
DAC
VDAC
GND
A8521
ISET
GND
DAC
VDAC
GND
A8521
ISET
RISET
R1
RISET
(A)
(B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com