Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A8521 Datasheet HTML 1Page - Allegro MicroSystems A8521 Datasheet HTML 2Page - Allegro MicroSystems A8521 Datasheet HTML 3Page - Allegro MicroSystems A8521 Datasheet HTML 4Page - Allegro MicroSystems A8521 Datasheet HTML 5Page - Allegro MicroSystems A8521 Datasheet HTML 6Page - Allegro MicroSystems A8521 Datasheet HTML 7Page - Allegro MicroSystems A8521 Datasheet HTML 8Page - Allegro MicroSystems A8521 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
Figure 1. Application with VIN to ground short protection, using P-MOSFET sensing
A8521-DS
Features and Benefits
• AEC-Q100 Qualified
• Wide input voltage range of 5 to 40 V for start/stop, cold
crank and load dump requirements
• Fully integrated LED current sinks and boost converter
with 60 V DMOS
• Sync function to synchronize boost converter switching
frequency up to 2.3 MHz, allowing operation above the
AM band
• Excellent input voltage transient response
• Single resistor primary OVP minimizes VOUT leakage
• Internal secondary OVP for redundant protection
• LED current of 80 mA per channel
• Drives up to 12 series LEDs in 4 parallel strings
• 0.7% to 0.8% LED to LED matching accuracy
• PWM and analog dimming inputs
• 5000:1 PWM dimming at 200 Hz
• Provides driver for external PMOS input disconnect switch
• Extensive protection against:
▫ Shorted boost switch or inductor
▫ Shorted FSET or ISET resistor
▫ Shorted output
▫ Open or shorted LED pin
▫ Open boost Schottky
▫ Overtemperature (OTP)
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
Package: 20-pin TSSOP with exposed
thermal pad (suffix LP)
Typical Application Circuit
Not to scale
A8521
Continued on the next page…
GATE
SW
Q1
D1
L1
CVDD
OVP
VOUT
ROVP
COUT
RSC
RADJ
VSENSE
VIN
VDD
PWM/EN
APWM
ISET
FSET/SYNC
AGND
PGND
COMP
CP
RZ
CZ
LED4
LED1
LED2
LED3
FAULT
PAD
A8521
150 Ω
VC
10 μH
2 A / 60 V
137 kΩ
0.033 Ω
249 Ω
100 kΩ
RISET
8.25 kΩ
RFSET
10 kΩ
4.7 μF
50 V
CIN
4.7 μF
50 V
CC
22 nF
RC
20 Ω
0.1 μF
0.47 μF
120 pF
VIN
8 to 16 V
Description
The A8521 is a multi-output white LED driver for small-size
LCD backlighting. It integrates a current-mode boost converter
with internal power switch and four current sinks. The boost
converter can drive up to 48 LEDs, 12 LEDs per string, at
80 mA. The LED sinks can be paralleled together to achieve
even higher LED currents, up to 320 mA. The A8521 can
operate with a single power supply, from 5 to 40 V, which
allows the part to withstand load dump conditions encountered
in automotive systems.
TheA8521 can drive an external P-FET to disconnect the input
supply from the system in the event of a fault. The A8521
provides protection against output short and overvoltage,
open or shorted diode, open or shorted LED pin, shorted
boost switch or inductor, shorted FSET or ISET resistor, and
IC overtemperature. A dual level cycle-by-cycle current limit
function provides soft start and protects the internal current
switch against high current overloads.
The A8521 has a synchronization pin that allows PWM
switching frequencies to be synchronized in the range of
580 kHz to 2.3 MHz. The high switching frequency allows
the A8521 to operate above the AM radio band.
Applications:
LCD backlighting or LED lighting for:
▫ Automotive infotainment
▫ Automotive cluster
▫ Automotive center stack


Similar Part No. - A8521

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
A8520 ANAREN-A8520 Datasheet
960Kb / 2P
Minimal RF engineering experience necessary
A8520E24A91 ANAREN-A8520E24A91 Datasheet
958Kb / 2P
Operates in the 2.4GHz ISM band
A8520E24A91-EM2 ANAREN-A8520E24A91-EM2 Datasheet
984Kb / 2P
The A8520E24A91-EM2 is a high-performance
A8520E24A91-EM2 ANAREN-A8520E24A91-EM2 Datasheet
966Kb / 3P
The A8520E24A91-EM2 is a high-performance, interface board with an FCC & IC certified and ETSI-compliant
A8520E24A91-EM2 ANAREN-A8520E24A91-EM2_14 Datasheet
966Kb / 3P
The A8520E24A91-EM2 is a high-performance, interface board with an FCC & IC certified and ETSI-compliant
More results

Similar Description - A8521

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXSC310 ZETEX-ZXSC310 Datasheet
357Kb / 14P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
ZXSC310 ZETEX-ZXSC310_04 Datasheet
326Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
logo
Texas Instruments
TPS61199 TI-TPS61199 Datasheet
812Kb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Diodes Incorporated
ZXSC310 DIODES-ZXSC310 Datasheet
277Kb / 16P
LED DRIVER SOLUTION FOR LCD BACKLIGHTING
SEPTEMBER 2007
logo
Allegro MicroSystems
A8514 ALLEGRO-A8514 Datasheet
1Mb / 35P
The A8514 is a multi-output white LED driver for small-size LCD backlighting.
A8515 ALLEGRO-A8515 Datasheet
1Mb / 34P
The A8515 is a multi-output white LED (WLED) driver for LCD backlighting in consumer and industrial displays.
A8516 ALLEGRO-A8516 Datasheet
554Kb / 17P
The A8516 is a multi-output WLED/RGB driver for backlighting LCD monitors and televisions.
logo
Texas Instruments
TPS61199PWPR TI-TPS61199PWPR Datasheet
1Mb / 25P
White LED Driver for LCD Monitors Backlighting
logo
Monolithic Power System...
MP4601 MPS-MP4601 Datasheet
447Kb / 16P
White LED Driver For Large Size TV Backlighting
EV4700-S-00A MPS-EV4700-S-00A Datasheet
984Kb / 8P
White LED Driver For TV Backlighting Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com