Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 30 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 30 Page - Allegro MicroSystems

Back Button A8521 Datasheet HTML 26Page - Allegro MicroSystems A8521 Datasheet HTML 27Page - Allegro MicroSystems A8521 Datasheet HTML 28Page - Allegro MicroSystems A8521 Datasheet HTML 29Page - Allegro MicroSystems A8521 Datasheet HTML 30Page - Allegro MicroSystems A8521 Datasheet HTML 31Page - Allegro MicroSystems A8521 Datasheet HTML 32Page - Allegro MicroSystems A8521 Datasheet HTML 33Page - Allegro MicroSystems A8521 Datasheet HTML 34Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
30
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Design Example for SEPIC Configuration
This section provides a method for selecting component values
when designing an application using the A8521 in SEPIC (Sin-
gle-Ended Primary-Inductor Converter) circuit. SEPIC topology
has the advantage that it can generate a positive output voltage
either higher or lower than the input voltage. The resulting design
is diagrammed in figure 34.
Assumptions: For the purposes of this example, the following are
given as the application requirements:
• VBAT: 6 to 14 V ( VIN(min): 5 V and VIN(max): 16 V )
• Quantity of LED channels, #CHANNELS: 4
• Quantity of series LEDs per channel, #SERIESLEDS: 4
• LED current per channel, ILED: 60 mA
• LED Vf at 60 mA: ≈ 3.3 V
• fSW: 2 MHz
• TA(max): 65°C
• PWM dimming frequency: 200 Hz, 1% duty cycle
Procedure: The procedure consists of selecting the appropriate
configuration and then the individual component values, in an
ordered sequence.
Step 1
Connecting LEDs to LEDx pins. If only some of the LED
channels are needed, the unused LEDx pins should be pulled to
ground using a 1.5 kΩ resistor.
Step 2
Determining the LED current setting resistor RISET:
RISET = (VISET × AISET) / ILED
(30)
= (1.003 (V) × 653) / 0.60 (A) = 10.92 kΩ
Choose an 11.00 kΩ 1% resistor.
Step 3
Determining the OVP resistor. The OVP resistor is
connected between the OVP pin and the output voltage of the
converter.
Step 3a
The first step is determining the maximum voltage based
on the LED requirements. The regulation voltage, VLED, of the
A8521 is 700 mV. A constant term, 2 V, is added to give margin
to the design due to noise and output voltage ripple.
VOUT(OVP) = #SERIESLEDS × Vf + VLED + 2 (V)
(31)
= 4 × 3.3 (V) + 0.7 (V) + 2 (V) = 15.9 V
Then the OVP resistor is:
ROVP = (VOUT(OVP) – VOVP(th) ) / IOVPH
(32)
= (15.9 (V) – 8.1 (V)) / 0.199 (mA) = 39.196 kΩ
where both IOVPH and VOVP(th) are taken from the Electrical
Characteristics table.
In this case a value of 39.2 kΩ was selected. Below is the actual
value of the minimum OVP trip level with the selected resistor:
VOUT(OVP) = 39.2 (kΩ) × 0.199 (mA) + 8.1 (V) = 15.9 V
Step 3b
At this point a quick check must be done to determine if
the conversion ratio is acceptable for the selected frequency.
Dmax = 1 – tSWOFFTIME × fSW
(33)
= 1 – 68 (ns) × 2 (MHz) = 86.4%
where the minimum off-time (tSWOFFTIME) is found in the Electri-
cal Characteristics table.
The Theoretical Maximum VOUT is then calculated as:
VOUT(max) =
Vd
–
1 – Dmax
Dmax
VIN(min)
0.4 (V)
30.3 V
==
–
1 – 0.86
0.86
5 (V)
(34)
where Vd is the diode forward voltage.
The Theoretical Maximum VOUT value must be greater than
the value VOUT(OVP). If this is not the case, it may be necessary
to reduce the frequency to allow the boost to convert the volt-
age ratios.
Step 4
Selecting the inductor. The inductor must be chosen such
that it can handle the necessary input current. In most applica-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com