Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 14 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 14 Page - Allegro MicroSystems

Back Button A8521 Datasheet HTML 10Page - Allegro MicroSystems A8521 Datasheet HTML 11Page - Allegro MicroSystems A8521 Datasheet HTML 12Page - Allegro MicroSystems A8521 Datasheet HTML 13Page - Allegro MicroSystems A8521 Datasheet HTML 14Page - Allegro MicroSystems A8521 Datasheet HTML 15Page - Allegro MicroSystems A8521 Datasheet HTML 16Page - Allegro MicroSystems A8521 Datasheet HTML 17Page - Allegro MicroSystems A8521 Datasheet HTML 18Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
14
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Sync
The A8521 can also be synchronized using an external clock
on the FSET/SYNC pin. Figure 8 shows the correspondence of
a sync signal and the FSET/SYNC pin, and figure 9 shows the
result when a sync signal is detected: the LED current does not
show any variation while the frequency changeover occurs. At
power-up if the FSET/SYNC pin is held low, the IC will not
power-up. Only when the FSET/SYNC pin is tri-stated to allow
the pin to rise, to about 1 V, or when a synchronization clock is
detected, will the A8521 try to power-up.
The basic requirement of the sync signal is 150 ns minimum on-
time and 150 ns minimum off time, as indicated by the specifica-
tions for tPWSYNCON and tPWSYNCOFF. Figure 10 shows the timing
for a synchronization clock into the A8521 at 2.2 MHz. Thus any
pulse with a duty cycle of 33% to 66% at 2.2 MHz can be used to
synchronize the IC.
The SYNC pulse duty cycle ranges for selected switching fre-
quencies are:
SYNC Pulse Frequency
(MHz)
Duty Cycle Range
(%)
2.2
33 to 66
2
30 to 70
1
15 to 85
0.800
12 to 88
0.600
9 to 91
If during operation a sync clock is lost, the IC will revert to the
preset switching frequency that is set by the resistor RFSET. Dur-
ing this period the IC will stop switching for a maximum period
of about 7 μs to allow the sync detection circuitry to switch over
to the externally preset switching frequency.
If the clock is held low for more than 7 μs, the A8521 will shut
down. In this shutdown mode the IC will stop switching, the
input disconnect switch is open, and the LEDs will stop sinking
current. To shutdown the IC into low power mode, the user must
disable the IC using the PWM pin, by keeping the pin low for a
period of 32,750 clock cycles. If the FSET/SYNC pin is released
at any time after 7 μs, the A8521 will proceed to soft start.
Figure 9. Transition of the SW waveform when the SYNC pulse is
detected. The A8521 switching at 2 MHz, applied SYNC pulse at 1 MHz;
shows VOUT (ch1, 20 V/div.), IOUT (ch2, 200 mA/div.), FSET/SYNC (ch3,
2 V/div.), and SW node (ch4, 20 V/div.), time = 5 μs/div.
Figure 8. Diagram showing a synchronized FSET/SYNC pin and switch
node; shows VOUT (ch1, 20 V/div.), IOUT (ch2, 200 mA/div.), FSET/SYNC
(ch3, 2 V/div.), and SW node (ch4, 20 V/div.), time = 2 μs/div.
t
SW node
2 MHz operation
1 MHz operation
FSET/SYNC
IOUT
VOUT
C1
C3
C4
C2
150 ns
150 ns
T = 454 ns
154 ns
t
PWSYNCON
t
PWSYNCOFF
Figure 10. SYNC pulse on and off time requirements.
t
SW node
FSET/SYNC
IOUT
VOUT
C1
C3
C4
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com