Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A8521 Datasheet HTML 9Page - Allegro MicroSystems A8521 Datasheet HTML 10Page - Allegro MicroSystems A8521 Datasheet HTML 11Page - Allegro MicroSystems A8521 Datasheet HTML 12Page - Allegro MicroSystems A8521 Datasheet HTML 13Page - Allegro MicroSystems A8521 Datasheet HTML 14Page - Allegro MicroSystems A8521 Datasheet HTML 15Page - Allegro MicroSystems A8521 Datasheet HTML 16Page - Allegro MicroSystems A8521 Datasheet HTML 17Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
13
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
All unused pins should be connected with a 2.37 kΩ resistor to
ground, as shown in figure 5. The unused pin, with the pull-down
resistor, will be taken out of regulation at this point and will not
contribute to the boost regulation loop.
If a LEDx pin is shorted to ground the A8521 will not proceed
with soft start until the short is removed from the LEDx pin. This
prevents the A8521 from powering-up and putting an uncon-
trolled amount of current through the LEDs.
Soft start function
During soft start the LEDx pins are set to sink (ILEDSS) and the
boost switch current is reduced to the ISWSS(LIM) level to limit
the inrush current generated by charging the output capacitors.
When the converter senses that there is enough voltage on the
LEDx pins the converter proceeds to increase the LED current to
the preset regulation current and the boost switch current limit is
switched to the ISW(LIM) level to allow the A8521 to deliver the
necessary output power to the LEDs. This is shown in figure 6.
Frequency selection
The switching frequency on the boost regulator is set by the resis-
tor connected to the FSET/SYNC pin. The switching frequency
can be can be anywhere from 580 kHz to 2.3 MHz. Figure 7
shows the typical switching frequencies, in MHz, for given resis-
tor values, in kΩ.
In case during operation a fault occurs that will increase the
switching frequency, the FSET/SYNC pin is clamped to a
maximum switching frequency of no more than 3.5 MHz. If the
FSET/SYNC pin is shorted to GND the part will shut down. For
more details see the Fault Mode table later in this datasheet.
Figure 5. Channel select setup: (left) using only LED1, LED2, and LED3,
and (right) using all four channels.
2.37 kΩ
LED1
LED2
LED3
LED4
GND
A8521
LED1
LED2
LED3
LED4
GND
A8521
0.5
0.7
0.9
1.1
1.3
1.5
1.7
1.9
2.1
Resistance for RSET (kΩ)
10.0
30.0
20.0
12.5
32.5
22.5
17.5
15.0
25.0
35.0
Figure 6. Startup diagram showing the input current, output voltage, and
output current; shows IOUT (ch1, 200 mA/div.), IIN (ch2, 1 A/div.), VOUT
(ch3, 20 V/div.), and PWM/EN (ch4, 5 V/div.), time = 1 ms/div.
Figure 7. Typical Switching Frequency versus value of RFSET resistor.
t
Inrush current caused by
enabling the disconnect
switch (when used)
Operation during
ISWSS(lim)
Normal operation
ISW(lim)
PWM/EN
IIN
IOUT
VOUT
C1
C3
C4
C2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com