Electronic Components Datasheet Search
  English  ▼

X  

A8521 Datasheet(PDF) 33 Page - Allegro MicroSystems

Part # A8521
Description  The A8521 is a multi-output white LED driver for small-size LCD backlighting.
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A8521 Datasheet(HTML) 33 Page - Allegro MicroSystems

Back Button A8521 Datasheet HTML 27Page - Allegro MicroSystems A8521 Datasheet HTML 28Page - Allegro MicroSystems A8521 Datasheet HTML 29Page - Allegro MicroSystems A8521 Datasheet HTML 30Page - Allegro MicroSystems A8521 Datasheet HTML 31Page - Allegro MicroSystems A8521 Datasheet HTML 32Page - Allegro MicroSystems A8521 Datasheet HTML 33Page - Allegro MicroSystems A8521 Datasheet HTML 34Page - Allegro MicroSystems A8521 Datasheet HTML 35Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
Wide Input Voltage Range, High Efficiency
Fault Tolerant LED Driver
A8521
33
Allegro MicroSystems, Inc.
115 Northeast Cutoff
Worcester, Massachusetts 01615-0036 U.S.A.
1.508.853.5000; www.allegromicro.com
Step 9
Selecting coupling capacitor CSW. The minimum capaci-
tance of CSW is related to the maximum voltage ripple allowed
across it:
CSW =
fSW
0.24 (A) 0.765
IOUT
DMAX
0.92 μF
==
∆VSW
2 (MHz)
0.1 (V)
(50)
The rms current requirement of the coupling capacitor is given
by:
ICSWrms =
1 – D(max)
D(max)
IIN(max)
0.848 (A)
0.47 A
==
1 – 0.765
0.765
(51)
The voltage rating of the coupling capacitor must be greater than
VIN(max), or 16 V in this case. A ceramic capacitor rated for
2.2 μF 25 V will suffice for this application.
Figure 34. Typical application showing SEPIC configuration, with accurate input current sense, and VSENSE
to ground protection.
GATE
SW
Q1
2.2 μF
2.2 μF
4.7 μF
0.47 μF
120 pF
10 μH
10 μH
22 nF
0.1 μF
100 kΩ
10 kΩ
150 Ω
11 kΩ
20 Ω
39.2 kΩ
249 Ω
0.033 Ω
L1
2 A / 60 V
D1
CVDD
OVP
VOUT
COUT
RSC
RADJ
VSENSE
VIN
VDD
PWM/EN
APWM
ISET
FSET/SYNC
AGND
PGND
COMP
CP
RZ
CZ
FAULT
LED4
LED1
LED2
LED3
PAD
A8521
VC
RISET
RFSET
CIN
CC
RC
VIN
9 to 16 V
CSW
L2
ROVP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com