Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 45 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 41Page - Texas Instruments AFE4490 Datasheet HTML 42Page - Texas Instruments AFE4490 Datasheet HTML 43Page - Texas Instruments AFE4490 Datasheet HTML 44Page - Texas Instruments AFE4490 Datasheet HTML 45Page - Texas Instruments AFE4490 Datasheet HTML 46Page - Texas Instruments AFE4490 Datasheet HTML 47Page - Texas Instruments AFE4490 Datasheet HTML 48Page - Texas Instruments AFE4490 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 70 page
background image
AFE4490
www.ti.com
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
ALED2STC: Sample Ambient LED2 Start Count Register (Address = 05h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
ALED2STC[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ALED2STC[15:0]
This register sets the start timing value for the ambient LED2 signal sample.
Bits D[23:16]
Must be '0'
Bits D[15:0]
ALED2STC[15:0]: Sample ambient LED2 start count
The contents of this register can be used to position the start of the sample ambient LED2
signal with respect to the PRP, as specified in the PRPCOUNT register. The count is
specified as the number of 4-MHz clock cycles. Refer to the Using the Timer Module section
for details.
0 = 0000h
1 = PRP value
ALED2ENDC: Sample Ambient LED2 End Count Register (Address = 06h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
ALED2ENDC[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ALED2ENDC[15:0]
This register sets the end timing value for the ambient LED2 signal sample.
Bits D[23:16]
Must be '0'
Bits D[15:0]
ALED2ENDC[15:0]: Sample ambient LED2 end count
The contents of this register can be used to position the end of the sample ambient LED2
signal with respect to the PRP, as specified in the PRPCOUNT register. The count is
specified as the number of 4-MHz clock cycles. Refer to the Using the Timer Module section
for details.
0 = 0000h
1 = PRP value
LED1STC: Sample LED1 Start Count Register (Address = 07h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
LED1STC[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LED1STC[15:0]
This register sets the start timing value for the LED1 signal sample.
Bits D[23:17]
Must be '0'
Bits D[16:0]
LED1STC[15:0]: Sample LED1 start count
The contents of this register can be used to position the start of the sample LED1 signal with
respect to the PRP, as specified in the PRPCOUNT register. The count is specified as the
number of 4-MHz clock cycles. Refer to the Using the Timer Module section for details.
0 = 0000h
1 = PRP value
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com