Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 24 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 20Page - Texas Instruments AFE4490 Datasheet HTML 21Page - Texas Instruments AFE4490 Datasheet HTML 22Page - Texas Instruments AFE4490 Datasheet HTML 23Page - Texas Instruments AFE4490 Datasheet HTML 24Page - Texas Instruments AFE4490 Datasheet HTML 25Page - Texas Instruments AFE4490 Datasheet HTML 26Page - Texas Instruments AFE4490 Datasheet HTML 27Page - Texas Instruments AFE4490 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 70 page
background image
AFE4490
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
www.ti.com
Using the Timer Module
The timer module registers can be used to program the start and end instants in units of 4-MHz clock cycles.
These timing instants and the corresponding registers are listed in Table 2.
Note that the device does not restrict the values in these registers; thus, the start and end edges can be
positioned anywhere within the pulse repetition period. Care must be taken by the user to program suitable
values in these registers to avoid overlapping the signals and to make sure none of the edges exceed the value
programmed in the PRP register. Writing the same value in the start and end registers results in a pulse duration
of one clock cycle. The following steps describe the timer sequencing configuration:
1. With respect to the start of the PRP period (indicated by timing instant t0 in Figure 35), the sequence of
conversions must be followed in order: convert LED2
→ LED2 ambient → LED1 → LED1 ambient.
2. Also, starting from t0, the sequence of sampling instants must be staggered with respect to the respective
conversions as follows: sample LED2 ambient
→ LED1 → LED1 ambient → LED2.
3. Finally, align the edges for the two LED pulses with the respective sampling instants.
Table 2. Clock Edge Mapping to SPI Registers
TIME INSTANT
(See Figure 35 and
EXAMPLE
Figure 36)
DESCRIPTION
CORRESPONDING REGISTER ADDRESS AND REGISTER BITS
(Decimal)
t0
Start of pulse repetition period
No register control
—
t1
Start of sample LED2 pulse
Sample LED2 start count (bits 15-0 of register 01h)
4800
t2
End of sample LED2 pulse
Sample LED2 end count (bits 15-0 of register 02h)
6399
t3
Start of LED2 pulse
LED2 start count (bits 15-0 of register 03h)
4800
t4
End of LED2 pulse
LED2 end count (bits 15-0 of register 04h)
6399
t5
Start of sample LED2 ambient pulse
Sample ambient LED2 start count (bits 15-0 of register 05h)
0
t6
End of sample LED2 ambient pulse
Sample ambient LED2 end count (bits 15-0 of register 06h)
1599
t7
Start of sample LED1 pulse
Sample LED1 start count (bits 15-0 of register 07h)
1600
t8
End of sample LED1 pulse
Sample LED1 end count (bits 15-0 of register 08h)
3199
t9
Start of LED1 pulse
LED1 start count (bits 15-0 of register 09h)
1600
t10
End of LED1 pulse
LED1 end count (bits 15-0 of register 0Ah)
3199
t11
Start of sample LED1 ambient pulse
Sample ambient LED1 start count (bits 15-0 of register 0Bh)
3200
t12
End of sample LED1 ambient pulse
Sample ambient LED1 end count (bits 15-0 of register 0Ch)
4700
t13
Start of convert LED2 pulse
LED2 convert start count (bits 15-0 of register 0Dh)
0
t14
End of convert LED2 pulse
LED2 convert end count (bits 15-0 of register 0Eh)
1599
t15
Start of convert LED2 ambient pulse
LED2 ambient convert start count (bits 15-0 of register 0Fh)
1600
t16
End of convert LED2 ambient pulse
LED2 ambient convert end count (bits 15-0 of register 10h)
3199
t17
Start of convert LED1 pulse
LED1 convert start count (bits 15-0 of register 11h)
3200
t18
End of convert LED1 pulse
LED1 convert end count (bits 15-0 of register 12h)
4799
t19
Start of convert LED1 ambient pulse
LED1 ambient convert start count (bits 15-0 of register 13h)
4800
t20
End of convert LED1 ambient pulse
LED1 ambient convert end count (bits 15-0 of register 14h)
6399
t21
Start of first ADC conversion reset pulse
ADC reset 0 start count (bits 15-0 of register 15h)
0
t22
End of first ADC conversion reset pulse
ADC reset 0 end count (bits 15-0 of register 16h)
0
t23
Start of second ADC conversion reset pulse
ADC reset 1 start count (bits 15-0 of register 17h)
1600
t24
End of second ADC conversion reset pulse
ADC reset 0 end count (bits 15-0 of register 18h)
1600
t25
Start of third ADC conversion reset pulse
ADC reset 2 start count (bits 15-0 of register 19h)
3200
t26
End of third ADC conversion reset pulse
ADC reset 0 end count (bits 15-0 of register 1Ah)
3200
t27
Start of fourth ADC conversion reset pulse
ADC reset 3 start count (bits 15-0 of register 1Bh)
4800
t28
End of fourth ADC conversion reset pulse
ADC reset 0 end count (bits 15-0 of register 1Ch)
4800
t29
End of pulse repetition period
Pulse repetition period count (bits 15-0 of register 1Dh)
6399
24
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com