Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 23 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 23 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 19Page - Texas Instruments AFE4490 Datasheet HTML 20Page - Texas Instruments AFE4490 Datasheet HTML 21Page - Texas Instruments AFE4490 Datasheet HTML 22Page - Texas Instruments AFE4490 Datasheet HTML 23Page - Texas Instruments AFE4490 Datasheet HTML 24Page - Texas Instruments AFE4490 Datasheet HTML 25Page - Texas Instruments AFE4490 Datasheet HTML 26Page - Texas Instruments AFE4490 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 70 page
background image
Timer Compare
16-Bit Register 11
16-Bit Counter
Timer Compare
16-Bit Register 1
Start
Stop
Timer Compare
16-Bit Register 2
Start
Stop
Timer Compare
16-Bit Register 3
Start
Stop
Timer Compare
16-Bit Register 4
Start
Stop
Timer Compare
16-Bit Register 5
Start
Stop
Timer Compare
16-Bit Register 6
Start
Stop
Timer Compare
16-Bit PRF Register
PRF
Pulse
Timer Compare
16-Bit Register 7
Start
Stop
Timer Compare
16-Bit Register 8
Start
Stop
Timer Compare
16-Bit Register 9
Start
Stop
Timer Compare
16-Bit Register 10
Start
Stop
START-A
STOP-A
START-B
STOP-B
START-C
STOP-D
START-D
STOP-D
RED LED
S
R
IR LED
S
R
SR
Sample RED
S
R
S
R
S
R
S
R
S
R
S
R
S
R
S
R
Reset
Counter
Reset
SIR
Sample IR
SR_amb,
Sample Ambient
(red phase)
SIR_amb,
Sample Ambient
(IR phase)
CONVR,
Convert RED Sample
CONVIR,
Convert IR Sample
CONVIR_amb,
Convert Ambient Sample
(IR Phase)
CONVR_amb,
Convert Ambient Sample
(RED Phase)
ADC
Conversion
Timer Module
Enable
En
En
En
En
En
En
En
En
En
En
En
En
CLKIN
START
STOP
Set
Reset
Enable
Timer Compare Register
Start Reference Register
Stop Reference Register
Counter
Input
Output
Signal
AFE4490
www.ti.com
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
For the 11 signals in Figure 30, the start and stop edge positions are programmable with respect to the PRF
period. Each signal uses a separate timer compare module that compares the counter value with
preprogrammed reference values for the start and stop edges. All reference values can be set using the SPI
interface.
When the counter value equals the start reference value, the output signal is set. When the counter value equals
the stop reference value, the output signal is reset. Figure 33 shows a diagram of the timer compare register.
With a 4-MHz clock, the edge placement resolution is 0.25 µs. The ADC conversion signal requires four pulses in
each PRF clock period. The 11th timer compare register uses four sets of start and stop registers to control the
ADC conversion signal.
Figure 33. Compare Register
The ADC conversion signal requires four pulses in each PRF clock period. Timer compare register 11 uses four
sets of start and stop registers to control the ADC conversion signal, as shown in Figure 34.
Figure 34. Timer Module
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com