Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 8 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 4Page - Texas Instruments AFE4490 Datasheet HTML 5Page - Texas Instruments AFE4490 Datasheet HTML 6Page - Texas Instruments AFE4490 Datasheet HTML 7Page - Texas Instruments AFE4490 Datasheet HTML 8Page - Texas Instruments AFE4490 Datasheet HTML 9Page - Texas Instruments AFE4490 Datasheet HTML 10Page - Texas Instruments AFE4490 Datasheet HTML 11Page - Texas Instruments AFE4490 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 70 page
background image
A7
A6
A1
A0
SPISTE
SPISIMO
SCLK
'RQ¶W FDUH, can be high or low.
D23
D22
D17
D16
D15
D14
D9
D8
D7
D6
D1
D0
SPISOMI
CLK
tCLK
tDATA
tSCLK
tDECODE
tDOHD
AFE4490
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
www.ti.com
PARAMETRIC MEASUREMENT INFORMATION
SERIAL INTERFACE TIMING
(1) The SPI_READ register bit must be enabled before attempting a serial readout from the AFE.
(2) Specify the register address whose contents must be read back on A[7:0].
(3) The AFE outputs the contents of the specified register on the SOMI pin.
Figure 1. Serial Interface Timing Diagram(1)(2)(3)
Table 1. Timing Requirements for Figure 1
2.0 V
≤ RX_DIG_SUP ≤ 3.6 V
PARAMETER
UNIT
MIN
TYP
MAX
fSPICLK
SPI CLK frequency
8
MHz
tSPI_SU
SPISIMO input data setup time with respect to SCLK rising edge
62.5
ns
tSPI_HO
SPISIMO input data hold time with respect to SCLK rising edge
62.5
ns
tSOMI_VAL
SPISOMI output data setup time
tSPICLK / 4
ns
tSOMI_HO
SPISOMI output data hold time
tSPICLK / 2
ns
tRISE
Rise time from 20% to 80%
5
ns
tFALL
Fall time from 80% to 20%
5
ns
8
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com