Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 14 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 10Page - Texas Instruments AFE4490 Datasheet HTML 11Page - Texas Instruments AFE4490 Datasheet HTML 12Page - Texas Instruments AFE4490 Datasheet HTML 13Page - Texas Instruments AFE4490 Datasheet HTML 14Page - Texas Instruments AFE4490 Datasheet HTML 15Page - Texas Instruments AFE4490 Datasheet HTML 16Page - Texas Instruments AFE4490 Datasheet HTML 17Page - Texas Instruments AFE4490 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 70 page
background image
0
200
400
600
800
1000
1200
LED Current (mA)
C023
TX_RANGE = 150mA,
Data from 7737 devices
0
200
400
600
800
1000
1200
LED Current (mA)
C024
TX_RANGE = 150mA,
Data from 7737 devices
0
200
400
600
800
LED Current (mA)
C021
TX_RANGE = 150mA,
Data from 2326 devices
0
200
400
600
800
1000
1200
1400
1600
1800
2000
2200
LED Current (mA)
C022
TX_RANGE = 150mA,
Data from 7737 devices
0
20
40
60
80
100
120
140
160
0
50
100
150
200
250
TX LED DAC Setting
Expected + 1%
Expected ± 1%
Actual DAC Current
C019
TX Reference Voltage = 0.75V
0
20
40
60
80
100
120
140
160
180
200
0
50
100
150
200
250
TX LED DAC Setting
Expected + 1%
Expected ± 1%
Actual DAC Current
C020
TX Reference Voltage = 1.0V
AFE4490
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, RX_ANA_SUP = RX_DIG_SUP = 3.0 V, TX_CTRL_SUP = LED_DRV_SUP = 5 V, and fCLK = 8 MHz, unless
otherwise noted.
Figure 20. Tx CURRENT LINEARITY (150-mA Range)
Figure 21. Tx CURRENT LINEARITY (200-mA Range)
Figure 22. LED CURRENT WITH
Figure 23. LED CURRENT WITH
Tx DAC SETTING = 17 (10 mA)
Tx DAC SETTING = 60 (35 mA)
Figure 24. LED CURRENT WITH
Figure 25. LED CURRENT WITH
Tx DAC SETTING = 120 (70 mA)
Tx DAC SETTING = 255 (150 mA)
14
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com