Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 49 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 45Page - Texas Instruments AFE4490 Datasheet HTML 46Page - Texas Instruments AFE4490 Datasheet HTML 47Page - Texas Instruments AFE4490 Datasheet HTML 48Page - Texas Instruments AFE4490 Datasheet HTML 49Page - Texas Instruments AFE4490 Datasheet HTML 50Page - Texas Instruments AFE4490 Datasheet HTML 51Page - Texas Instruments AFE4490 Datasheet HTML 52Page - Texas Instruments AFE4490 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 70 page
background image
AFE4490
www.ti.com
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
LED1CONVST: LED1 Convert Start Count Register (Address = 11h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
LED1CONVST[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LED1CONVST[15:0]
This register sets the start timing value for the LED1 conversion.
Bits D[23:16]
Must be '0'
Bits D[15:0]
LED1CONVST[15:0]: LED1 convert start count
The contents of this register can be used to position the start of the LED1 conversion signal
with respect to the PRP, as specified in the PRPCOUNT register. The count is specified as
the number of 4-MHz clock cycles. Refer to the Using the Timer Module section for details.
0 = 0000h
1 = PRP value
LED1CONVEND: LED1 Convert End Count Register (Address = 12h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
LED1CONVEND[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LED1CONVEND[15:0]
This register sets the end timing value for the LED1 conversion.
Bits D[23:16]
Must be '0'
Bits D[15:0]
LED1CONVEND[15:0]: LED1 convert end count
The contents of this register can be used to position the end of the LED1 conversion signal
with respect to the PRP. The count is specified as the number of 4-MHz clock cycles. Refer
to the Using the Timer Module section for details.
0 = 0000h
1 = PRP value
ALED1CONVST: LED1 Ambient Convert Start Count Register (Address = 13h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
0
0
ALED1CONVST[15:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
ALED1CONVST[15:0]
This register sets the start timing value for the ambient LED1 conversion.
Bits D[23:16]
Must be '0'
Bits D[15:0]
ALED1CONVST[15:0]: LED1 ambient convert start count
The contents of this register can be used to position the start of the LED1 ambient
conversion signal with respect to the PRP, as specified in the PRPCOUNT register. The
count is specified as the number of 4-MHz clock cycles. Refer to the Using the Timer
Module section for details.
0 = 0000h
1 = PRP value
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com