Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 30 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 26Page - Texas Instruments AFE4490 Datasheet HTML 27Page - Texas Instruments AFE4490 Datasheet HTML 28Page - Texas Instruments AFE4490 Datasheet HTML 29Page - Texas Instruments AFE4490 Datasheet HTML 30Page - Texas Instruments AFE4490 Datasheet HTML 31Page - Texas Instruments AFE4490 Datasheet HTML 32Page - Texas Instruments AFE4490 Datasheet HTML 33Page - Texas Instruments AFE4490 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 70 page
background image
Clocking
Internal
û ADC
+
TIA
RXOUTP
+
Stage 2
Gain
RXOUTN
INP
INN
Device
PD_ALM
ADC_RDY
Use the ADC_Reset
signal on the PD_ALM pin
to clock the external ADC.
Use ADC_RDY to
sync the external
ADC with the AFE.
û ADC
+
TIA
RXOUTP
+
Stage 2
Gain
RXOUTN
INP
INN
Device
AFE4490
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
www.ti.com
AFE ANALOG OUTPUT MODE (ADC Bypass Mode)
The ADC bypass mode brings out the analog output voltage of the receiver front-end on two pins (RXOUTP,
RXOUTN), around a common-mode voltage of approximately 0.9 V. In this mode, the internal ADC of the
AFE4490 is disabled. Figure 40 shows a block diagram of this mode.
Figure 40. AFE4490 Set to ADC Bypass Mode
In ADC bypass mode, one of the internal clocks (ADC_Reset) can be brought out on the PD_ALM pin, as shown
in Figure 41. This signal can be used to convert each of the four phases (within every pulse repetition period).
Additionally, the ADC_RDY signal can be used to synchronize the external ADC with the AFE. See Figure 42 for
the timing of this mode.
Figure 41. AFE4490 in ADC Bypass Mode with ADC_Reset to PD_ALM Pin
30
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com