Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 33 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 29Page - Texas Instruments AFE4490 Datasheet HTML 30Page - Texas Instruments AFE4490 Datasheet HTML 31Page - Texas Instruments AFE4490 Datasheet HTML 32Page - Texas Instruments AFE4490 Datasheet HTML 33Page - Texas Instruments AFE4490 Datasheet HTML 34Page - Texas Instruments AFE4490 Datasheet HTML 35Page - Texas Instruments AFE4490 Datasheet HTML 36Page - Texas Instruments AFE4490 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 70 page
background image
LED
Current
Control
8-Bit Resolution
LED2 Current
Reference
LED1 Current
Reference
H-Bridge
Driver
H-Bridge
LED2_ON
LED1_ON
LED2_ON
Or
LED1_ON
Register
LED2 Current Reference
Register
LED1 Current Reference
5-V Supply
Tx
ILED
CBULK
H-Bridge Supply
External
Supply
AFE4490
www.ti.com
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
TRANSMIT SECTION
The transmit section integrates the LED driver and the LED current control section with 8-bit resolution. This
integration is designed to meet the specified dynamic range (based on a 1-sigma LED current noise).
The LED2 and LED1 reference currents can be independently set. The current source (ILED) locally regulates and
ensures that the actual LED current tracks the specified reference.
Two LED driver schemes are supported:
•
An H-bridge drive for a two-terminal back-to-back LED package, as shown in Figure 44. The minimum H-
bridge supply voltage must be 2.5 V + (maximum voltage drop across the LED).
•
A push-pull drive for a three-terminal LED package; see Figure 45. The minimum external supply voltage =
2.0 V + (maximum voltage drop across the LED). This value is the nominal value and depends on the registry
LED current settings (refer to the LED_RANGE[1:0] bits in the LEDCNTRL register).
Figure 44. Transmit: H-Bridge Drive
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com