Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 1 Page - Texas Instruments

  AFE4490 Datasheet HTML 1Page - Texas Instruments AFE4490 Datasheet HTML 2Page - Texas Instruments AFE4490 Datasheet HTML 3Page - Texas Instruments AFE4490 Datasheet HTML 4Page - Texas Instruments AFE4490 Datasheet HTML 5Page - Texas Instruments AFE4490 Datasheet HTML 6Page - Texas Instruments AFE4490 Datasheet HTML 7Page - Texas Instruments AFE4490 Datasheet HTML 8Page - Texas Instruments AFE4490 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 70 page
background image
LED2 Data
Amb (LED2) Data
LED1 Data
Amb (LED1) Data
AFE
SPI
(LED2 t Amb) Data
(LED1 t Amb) Data
+
Buffer
û ADC
+
TIA
+
Stage 2
Gain
Photodiode
CPD
Rx
SPI Interface
Diagnostic
PD Open or Short
Cable Off
LED Open or Short
LED
Driver
LED Current
Control
DAC
Timing
Controller
OSC
8 MHz
AFE
LED
5-V Supply
Tx Driver
Supply
2.2-V Supply
LED2
AMBLED2
LED1
AMBLED1
AFE4490
www.ti.com
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
Integrated Analog Front-End for Pulse Oximeters
Check for Samples: AFE4490
1
FEATURES
23
•
Fully-Integrated Analog Front-End for
Pulse Oximeter Applications:
•
Package: Compact QFN-40 (6 mm × 6 mm)
–
Flexible Pulse Sequencing and
•
Specified Temperature Range: –40°C to +85°C
Timing Control
APPLICATIONS
•
Transmit:
•
Medical Pulse Oximeter Applications
–
Integrated LED Driver
(H-Bridge or Push/Pull)
•
Industrial Photometry Applications
–
110-dB Dynamic Range Across Full Range
DESCRIPTION
(Enables Low Noise at Low LED Current)
The AFE4490 is a fully-integrated analog front-end
–
LED Current:
(AFE)
that
is
ideally
suited
for
pulse-oximeter
–
Programmable Ranges of 50 mA, 75 mA,
applications. The device consists of a low-noise
100 mA, 150 mA, and 200 mA,
receiver
channel
with
a
22-bit
analog-to-digital
Each with 8-Bit Current Resolution
converter (ADC), an LED transmit section, and
–
Low Power:
diagnostics for sensor and LED fault detection. The
AFE4490 is a very configurable timing controller. This
–
100 µA + Average LED Current
flexibility enables the user to have complete control of
–
LED On-Time Programmability from
the device timing characteristics. To ease clocking
(50 µs + Settle Time) to 4 ms
requirements and provide a low-jitter clock to the
–
Independent LED2 and LED1 Current
AFE4490,
an
oscillator
is
also
integrated
that
functions from an external crystal. The device
Reference
communicates to an external microcontroller or host
•
Receive Channel with High Dynamic Range:
processor using an SPI™ interface.
–
Input-Referred Noise:
The AFE4490 is a complete AFE solution packaged
13 pARMS (0.1-Hz to 5-Hz Bandwidth)
in a single, compact QFN-40 package (6 mm ×
–
13.5 Noise-Free Bits (0.1 Hz to 5 Hz)
6
mm)
and
is
specified
over
the
operating
–
Analog Ambient Cancellation Scheme with
temperature range of –40°C to +85°C.
Selectable 1-µA to 10-µA Ambient Current
–
Low Power: < 2.3 mA at 3.0-V Supply
–
Rx Sample Time: 50 µs to 250 µs
–
I-V Amplifier with Seven Separate LED2 and
LED1 Programmable Feedback R and C
Settings
–
Integrated Digital Ambient Estimation and
Subtraction
•
Integrated Fault Diagnostics:
–
Photodiode and LED Open and
Short Detection
–
Cable On/Off Detection
•
Supplies:
–
Rx = 2.0 V to 3.6 V
–
Tx = 3.0 V or 5.25 V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SPI is a trademark of Motorola.
3
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2012–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - AFE4490

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE4490 TI-AFE4490 Datasheet
1Mb / 69P
Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490 Datasheet
2Mb / 96P
Integrated Analog Front-End for Pulse Oximeters
AFE4490 TI2-AFE4490 Datasheet
847Kb / 85P
AFE4404 Ultra-Small, Integrated AFE for Wearable, Optical, Heart-Rate Monitoring and Bio-Sensing
REVISED DECEMBER 2016
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
Integrated Analog Front-End for Pulse Oximeters
More results

Similar Description - AFE4490

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TDA7521 STMICROELECTRONICS-TDA7521 Datasheet
95Kb / 11P
Analog Front End
May-1998
logo
Texas Instruments
TLFD500PN TI-TLFD500PN Datasheet
578Kb / 38P
3.3 V INTEGRATED G.LITE ANALOG FRONT END
logo
STMicroelectronics
MTC20154 STMICROELECTRONICS-MTC20154 Datasheet
533Kb / 21P
INTEGRATED ADSL CMOS ANALOG FRONT-END CIRCUIT
Feb-2004
logo
Texas Instruments
TLFD500 TI1-TLFD500 Datasheet
544Kb / 38P
3.3 V INTEGRATED G.LITE ANALOG FRONT END
AFE4400 TI-AFE4400 Datasheet
1Mb / 69P
Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4490 TI1-AFE4490_14 Datasheet
2Mb / 96P
Integrated Analog Front-End for Pulse Oximeters
AFE4403 TI-AFE4403_15 Datasheet
1Mb / 97P
AFE4403 Ultra-Small, Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
AFE4400 TI1-AFE4400_15 Datasheet
2Mb / 87P
AFE4400 Integrated Analog Front-End for Heart Rate Monitors and Low-Cost Pulse Oximeters
logo
Analog Devices
AD8452 AD-AD8452 Datasheet
743Kb / 35P
Precision Integrated Analog Front End, Controller
03-Nov-2017
logo
DATEL, Inc.
ADCDS-1801LC-C DATEL-ADCDS-1801LC-C Datasheet
138Kb / 1P
Analog Front End
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com