Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 27 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 23Page - Texas Instruments AFE4490 Datasheet HTML 24Page - Texas Instruments AFE4490 Datasheet HTML 25Page - Texas Instruments AFE4490 Datasheet HTML 26Page - Texas Instruments AFE4490 Datasheet HTML 27Page - Texas Instruments AFE4490 Datasheet HTML 28Page - Texas Instruments AFE4490 Datasheet HTML 29Page - Texas Instruments AFE4490 Datasheet HTML 30Page - Texas Instruments AFE4490 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 70 page
background image
ADC Clock
ADC Convert
LED2 Data
ADC Output Rate
PRF Samples per Second
ADC
ADC
Ambient
(LED2) Data
LED1 Data
Ambient
(LED1) Data
Rx Digital
Averager
Register
30
Number of Averages
22-Bits
Register
42
LED2 Data
Register
43
LED2_Ambient Data
Register
44
LED1 Data
Register
45
LED1_Ambient Data
ADC Reset
ADC Reset
AFE4490
www.ti.com
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
ADC OPERATION AND AVERAGING MODULE
The ADC reset signal must be positioned at 25% intervals of the pulse repetition period (that is, 0%, 25%, 50%,
and 75%). After the falling edge of the ADC reset signal, the ADC conversion phase starts. Each ADC
conversion takes 50 µs.
There are two modes of operation: without averaging and with averaging. The averaging mode can average
multiple ADC samples and reduce noise to improve dynamic range because the ADC conversion time is usually
shorter than 25% of the pulse repetition period. Figure 37 shows a diagram of the averaging module.
Figure 37. Averaging Module
Operation Without Averaging
In this mode, the ADC outputs a digital sample one time for every 50 µs. At the next rising edge of the ADC reset
signal, the first 22-bit conversion value is written into the result registers sequentially as follows (see Figure 38):
•
At the 25% reset signal, the first 22-bit ADC sample is written to register 2Ah.
•
At the 50% reset signal, the first 22-bit ADC sample is written to register 2Bh.
•
At the 75% reset signal, the first 22-bit ADC sample is written to register 2Ch.
•
At the next 0% reset signal, the first 22-bit ADC sample is written to register 2Dh. The contents of registers
2Ah and 2Bh are written to register 2Eh and the contents of registers 2Ch and 2Dh are written to register
2Fh.
At the rising edge of the ADC_RDY signal, the contents of all six result registers can be read out.
Operation With Averaging
In this mode, all ADC digital samples are accumulated and averaged after every 50 µs. At the next rising edge of
the ADC reset signal, the average value (22-bit) is written into the output registers sequentially as follows (see
Figure 39):
•
At the 25% reset signal, the averaged 22-bit word is written to register 2Ah.
•
At the 50% reset signal, the averaged 22-bit word is written to register 2Bh.
•
At the 75% reset signal, the averaged 22-bit word is written to register 2Ch.
•
At the next 0% reset signal, the averaged 22-bit word is written to register 2Dh. The contents of registers 2Ah
and 2Bh are written to register 2Eh and the contents of registers 2Ch and 2Dh are written to register 2Fh.
At the rising edge of the ADC_RDY signal, the contents of all six result registers can be read out.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com