Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 5 Page - Texas Instruments

  AFE4490 Datasheet HTML 1Page - Texas Instruments AFE4490 Datasheet HTML 2Page - Texas Instruments AFE4490 Datasheet HTML 3Page - Texas Instruments AFE4490 Datasheet HTML 4Page - Texas Instruments AFE4490 Datasheet HTML 5Page - Texas Instruments AFE4490 Datasheet HTML 6Page - Texas Instruments AFE4490 Datasheet HTML 7Page - Texas Instruments AFE4490 Datasheet HTML 8Page - Texas Instruments AFE4490 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 70 page
background image
AFE4490
www.ti.com
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
ELECTRICAL CHARACTERISTICS (continued)
Minimum and maximum specifications are at TA = –40°C to +85°C. Typical specifications are at +25°C.
All specifications are at RX_ANA_SUP = RX_DIG_SUP = 3 V, TX_CTRL_SUP = LED_DRV_SUP = 5 V, and fCLK = 8 MHz,
unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
AMBIENT CANCELLATION STAGE
G
Gain
1, 1.5, 2, 3, and 4
V/V
Current DAC range
0
10
µA
Current DAC step size
1
µA
LOW-PASS FILTER
Low-pass corner frequency
3-dB attenuation
0.5 and 1
kHz
Duty cycle = 25%
0.004
dB
Pass-band attenuation, 2 Hz to 10 Hz
Duty cycle = 10%
0.041
dB
ANALOG-TO-DIGITAL CONVERTER
Resolution
22
Bits
See the ADC Operation and Averaging
Sample rate
4 × PRF
SPS
Module section
ADC full-scale voltage
±1.2
V
See the ADC Operation and Averaging
ADC conversion time
50
PRF / 4
µs
Module section
ADC reset time
2
tCLK
TRANSMITTER
0, 50, 75, 100, 150, and 200
Output current range
(see the LEDCNTRL: LED Control
mA
Register for details)
LED current DAC error
±5%
Output current resolution
8
Bits
At 25-mA output current
110
dB
Transmitter noise dynamic range,
over 0.1-Hz to 5-Hz bandwidth
At 100-mA output current
110
dB
Minimum sample time of LED1 and LED2
50
µs
pulses
LED_ON = 0
1
µA
LED current DAC leakage current
LED_ON = 1
50
µA
LED current DAC linearity
Percent of full-scale current
0.5%
From zero current to 150 mA
7
µs
Output current settling time
(with resistive load)
From 150 mA to zero current
7
µs
DIAGNOSTICS
EN_SLOW_DIAG = 0
Start of diagnostics after the DIAG_EN
register bit is set.
8
ms
End of diagnostic indicated by DIAG_END
going high.
Duration of diagnostics state machine
EN_SLOW_DIAG = 1
Start of diagnostics after the DIAG_EN
register bit is set.
16
ms
End of diagnostic indicated by DIAG_END
going high.
Open fault resistance
> 100
k
Ω
Short fault resistance
< 10
k
Ω
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com