Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 56 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 56 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 52Page - Texas Instruments AFE4490 Datasheet HTML 53Page - Texas Instruments AFE4490 Datasheet HTML 54Page - Texas Instruments AFE4490 Datasheet HTML 55Page - Texas Instruments AFE4490 Datasheet HTML 56Page - Texas Instruments AFE4490 Datasheet HTML 57Page - Texas Instruments AFE4490 Datasheet HTML 58Page - Texas Instruments AFE4490 Datasheet HTML 59Page - Texas Instruments AFE4490 Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 70 page
background image
´ Full-Scale Current
LED2[7:0]
256
´ Full-Scale Current
LED1[7:0]
256
AFE4490
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
www.ti.com
LEDCNTRL: LED Control Register (Address = 22h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
0
0
0
0
0
0
LED_RANGE[1:0]
LED1[7:0]
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
LED1[7:0]
LED2[7:0]
This register sets the LED current range and the LED1 and LED2 drive current.
Bits D[23:18]
Must be '0'
Bits D[17:16]
LED_RANGE[1:0]: LED range
These bits program the full-scale LED current range for Tx. Table 6 details the settings.
Bits D[15:8]
LED1[7:0]: Program LED current for LED1 signal
Use these register bits to specify the LED current setting for LED1 (default after reset is
00h).
The nominal value of the LED current is given by Equation 4,
where the full-scale LED current is either 0 mA, 50 mA, 75 mA, 100 mA, 150 mA, or 200 mA
(as specified by the LED_RANGE[1:0] register bits).
Bits D[7:0]
LED2[7:0]: Program LED current for LED2 signal
Use these register bits to specify the LED current setting for LED2 (default after reset is
00h).
The nominal value of LED current is given by Equation 5,
where the full-scale LED current is either 0 mA, 50 mA, 75 mA, 100 mA, 150 mA, or 200 mA
(as specified by the LED_RANGE[1:0] register bits).
Table 6. Full-Scale LED Current across Tx Reference Voltage Settings
LED CURRENT RANGE FOR Tx REFERENCE VOLTAGE
LED_RANGE[1:0]
0.75 V (TX_REF[1:0] = 00)
0.5 V (TX_REF[1:0] = 01)
1.0 V (TX_REF[1:0] = 10)
00 (default after reset)
150 mA
100 mA
200 mA
01
75 mA
50 mA
100 mA
10
150 mA
100 mA
200 mA
11
Tx is off
Tx is off
Tx is off
(4)
(5)
56
Submit Documentation Feedback
Copyright © 2012–2013, Texas Instruments Incorporated
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com