Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 19 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 15Page - Texas Instruments AFE4490 Datasheet HTML 16Page - Texas Instruments AFE4490 Datasheet HTML 17Page - Texas Instruments AFE4490 Datasheet HTML 18Page - Texas Instruments AFE4490 Datasheet HTML 19Page - Texas Instruments AFE4490 Datasheet HTML 20Page - Texas Instruments AFE4490 Datasheet HTML 21Page - Texas Instruments AFE4490 Datasheet HTML 22Page - Texas Instruments AFE4490 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
AFE4490
www.ti.com
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
Receiver Control Signals
LED2 sample phase (SLED2): When this signal is high, the amplifier output corresponds to the LED2 on-time.
The amplifier output is filtered and sampled into capacitor CLED2. To avoid settling effects resulting from the LED
or cable, program SLED2 to start after the LED turns on. This settling delay is programmable.
Ambient sample phase (SLED2_amb): When this signal is high, the amplifier output corresponds to the LED2 off-
time and can be used to estimate the ambient signal (for the LED2 phase). The amplifier output is filtered and
sampled into capacitor CLED2_amb.
LED1 sample phase (SLED1): When this signal is high, the amplifier output corresponds to the LED1 on-time.
The amplifier output is filtered and sampled into capacitor CLED1. To avoid settling effects resulting from the LED
or cable, program SLED1 to start after the LED turns on. This settling delay is programmable.
Ambient sample phase (SLED1_amb): When this signal is high, the amplifier output corresponds to the LED1 off-
time and can be used to estimate the ambient signal (for the LED1 phase). The amplifier output is filtered and
sampled into capacitor CLED1_amb.
LED2 convert phase (CONVLED2): When this signal is high, the voltage sampled on CLED2 is buffered and
applied to the ADC for conversion. The conversion time duration is always 25% of the pulse repetition period. At
the end of the conversion, the ADC provides a single digital code corresponding to the LED2 sample.
Ambient convert phases (CONVLED2_amb, CONVLED1_amb): When this signal is high, the voltage sampled on
CLED2_amb (or CLED1_amb) is buffered and applied to the ADC for conversion. The conversion time duration is
always 25% of the pulse repetition period. At the end of the conversion, the ADC provides a single digital code
corresponding to the ambient sample.
LED1 convert phase (CONVLED1): When this signal is high, the voltage sampled on CLED1 is buffered and
applied to the ADC for conversion. The conversion time duration is always 25% of the pulse repetition period. At
the end of the conversion, the ADC provides a single digital code corresponding to the LED1 sample.
Receiver Timing
See Figure 30 for a timing diagram detailing the control signals related to the LED on-time, Rx sample time, and
the ADC conversion times for each channel.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com