Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 17 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 13Page - Texas Instruments AFE4490 Datasheet HTML 14Page - Texas Instruments AFE4490 Datasheet HTML 15Page - Texas Instruments AFE4490 Datasheet HTML 16Page - Texas Instruments AFE4490 Datasheet HTML 17Page - Texas Instruments AFE4490 Datasheet HTML 18Page - Texas Instruments AFE4490 Datasheet HTML 19Page - Texas Instruments AFE4490 Datasheet HTML 20Page - Texas Instruments AFE4490 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 70 page
background image
Device
Digital Control for Ambient-Cancellation DAC
Rx
Digital
LED2 Data
ADC Output Rate
PRF Samples per Second
Ambient (LED2)
Data
LED1 Data
Ambient (LED1)
Data
SPI
Block
SPI
Interface
Host Processor
Ambient Estimation Block
Ambient information is available in the host
processor.
The processor can:
* Read ambient data
* Estimate ambient value to
be cancelled
* Set the value to be used by the ambient
cancellation DAC using the SPI of AFE
Front End
(LED2 ± Ambient)
Data
(LED1 ± Ambient)
Data
ADC
AFE4490
www.ti.com
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
A single, 22-bit ADC converts the sampled LED2, LED1, and ambient signals sequentially. Each conversion
takes a maximum of 25% of the pulse repetition period (PRP) and provides a single digital code at the ADC
output. As discussed in the Receiver Timing section, the conversions are staggered so that the LED2 conversion
starts after the end of the LED2 sample phase, and so on. This configuration also means that the Rx sample
time for each signal is no greater than 25% of the pulse repetition period.
Note that four data streams are available at the ADC output (LED2, LED1, ambient LED2, and ambient LED1) at
the same rate as the pulse repetition frequency. The ADC is followed by a digital ambient subtraction block that
additionally outputs the (LED2 – ambient LED2) and (LED1 – ambient LED1) data values.
Ambient Cancellation Scheme
The receiver provides digital samples corresponding to ambient duration. The host processor (external to the
AFE) can use these ambient values to estimate the amount of ambient light leakage. The processor must then
set the value of the ambient cancellation DAC using the SPI, as shown in Figure 28.
Figure 28. Ambient Cancellation Loop (Closed by the Host Processor)
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com