Electronic Components Datasheet Search
  English  ▼

X  

AFE4490 Datasheet(PDF) 55 Page - Texas Instruments

Click here to check the latest version.
Part # AFE4490
Description  Integrated Analog Front-End for Pulse Oximeters
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AFE4490 Datasheet(HTML) 55 Page - Texas Instruments

Back Button AFE4490 Datasheet HTML 51Page - Texas Instruments AFE4490 Datasheet HTML 52Page - Texas Instruments AFE4490 Datasheet HTML 53Page - Texas Instruments AFE4490 Datasheet HTML 54Page - Texas Instruments AFE4490 Datasheet HTML 55Page - Texas Instruments AFE4490 Datasheet HTML 56Page - Texas Instruments AFE4490 Datasheet HTML 57Page - Texas Instruments AFE4490 Datasheet HTML 58Page - Texas Instruments AFE4490 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 70 page
background image
AFE4490
www.ti.com
SBAS602B – DECEMBER 2012 – REVISED FEBRUARY 2013
TIA_AMB_GAIN: Transimpedance Amplifier and Ambient Cancellation Stage Gain Register
(Address = 21h, Reset Value = 0000h)
D23
D22
D21
D20
D19
D18
D17
D16
D15
D14
D13
D12
FLTR
STAGE2
0
0
0
0
AMBDAC[3:0]
0
0
CNRSEL
EN
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
STG2GAIN[2:0]
CF_LED2[4:0]
RF_LED2[2:0]
This register configures the ambient light cancellation amplifier gain, cancellation current, and filter corner
frequency.
Bits D[23:20]
Must be '0'
Bits D[19:16]
AMBDAC[3:0]: Ambient DAC value
These bits set the value of the cancellation current.
0000 = 0 µA (default after reset)
1000 = 8 µA
0001 = 1 µA
1001 = 9 µA
0010 = 2 µA
1010 = 10 µA
0011 = 3 µA
1011 = Do not use
0100 = 4 µA
1100 = Do not use
0101 = 5 µA
1101 = Do not use
0110 = 6 µA
1110 = Do not use
0111 = 7 µA
1111 = Do not use
Bit D15
FLTRCNRSEL: Filter corner selection
0 = 500-Hz filter corner (default after reset)
1 = 1000-Hz filter corner
Bit D14
STAGE2EN: Stage 2 enable
0 = Stage 2 is bypassed (default after reset)
1 = Stage 2 is enabled with the gain value specified by the STG2GAIN[2:0] bits
Bits D[13:11]
Must be '0'
Bits D[10:8]
STG2GAIN[2:0]: Stage 2 gain setting
000 = 0 dB, or linear gain of 1 (default after
100 = 12 dB, or linear gain of 4
reset)
101 = Do not use
001 = 3 dB, or linear gain of 1.414
110 = Do not use
010 = 6 dB, or linear gain of 2
111 = Do not use
011 = 9 dB, or linear gain of 2.818
Bits D[7:3]
CF_LED2[4:0]: Program CF for LED2
00000 = 5 pF (default after reset)
00100 = 25 pF + 5 pF
00001 = 5 pF + 5 pF
01000 = 50 pF + 5 pF
00010 = 15 pF + 5 pF
10000 = 150 pF + 5 pF
Note that any combination of these CF settings is also supported by setting multiple bits to
'1'. For example, to obtain CF = 100 pF, set D[7:3] = 01111.
Bits D[2:0]
RF_LED2[2:0]: Program RF for LED2
000 = 500 k
Ω
100 = 25 k
Ω
001 = 250 k
Ω
101 = 10 k
Ω
010 = 100 k
Ω
110 = 1 M
Ω
011 = 50 k
Ω
111 = None
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: AFE4490



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com